Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 3Page - STMicroelectronics TDA7333N Datasheet HTML 4Page - STMicroelectronics TDA7333N Datasheet HTML 5Page - STMicroelectronics TDA7333N Datasheet HTML 6Page - STMicroelectronics TDA7333N Datasheet HTML 7Page - STMicroelectronics TDA7333N Datasheet HTML 8Page - STMicroelectronics TDA7333N Datasheet HTML 9Page - STMicroelectronics TDA7333N Datasheet HTML 10Page - STMicroelectronics TDA7333N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TDA7333N
Block diagram and pin description
7/36
Table 2.
Pin description
Pin #
Pin name
Function
1
VDDA
Analog supply voltage
2
REF3
Reference voltage 3 of A/D converter (2.65 V)
3
REF2
Reference voltage 2 of A/D converter (1.65 V)
4
REF1
Reference voltage 1 of A/D converter (0.65 V)
5
VSS
Common ground
6TM
Testmode selection (scan test).
Normal mode must be connected to gnd.
7
VDDD
Digital supply voltage
8
RESETN
External reset input (active low)
9
XTI
Oscillator input
10
XTO
Oscillator output
11
SCL_CLK
Clock signal for I2C and SPI modes
12
SDA_DATAIN
Data line in I2C mode, data input in SPI mode
13
SA_DATAOUT
Slave address in I2C mode, data output in SPI mode
14
CSN
Chip select (1 = I2C mode, 0=SPI mode)
15
INTN
Interrupt output (active low), prog. at buff.not empty,buff. full, block A,B,D
,TA, TA EON
16
MPX
Multiplex input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com