Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 5Page - STMicroelectronics TDA7333N Datasheet HTML 6Page - STMicroelectronics TDA7333N Datasheet HTML 7Page - STMicroelectronics TDA7333N Datasheet HTML 8Page - STMicroelectronics TDA7333N Datasheet HTML 9Page - STMicroelectronics TDA7333N Datasheet HTML 10Page - STMicroelectronics TDA7333N Datasheet HTML 11Page - STMicroelectronics TDA7333N Datasheet HTML 12Page - STMicroelectronics TDA7333N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TDA7333N
Electrical specifications
9/36
Digital inputs( pin 6,8,11,12,13,14)
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2.0
V
Vilhyst
Low level threshold input
falling
1.0
1.15
V
Vihhyst
High level threshold input
rising
1.5
1.7
V
Vhst
Schmitt trigger hysteresis
0.4
0.7
V
Digital outputs (pin 12,13,15) are open drains
Voh
High level output Voltage
Open drain, depends on external
circuitry
n/a
V
Vol
Low level output Voltage
Iol =4 mA, takes into account
200 mV drop in the supply voltage
0.4
V
Analog inputs (pin 16)
VMPX
Input Range of MPX Signal
0.75
Vrms
Input Impedance of MPX pin
55k
Ohm
Cref
Blocking Capac. of REF Pins
Electrolyte capacitor parallel to
ceramic capacitor
2.2
μF
100
nF
Crystal/oscillator parameters
fosc
Quartz frequency
4
10.25
21
MHz
foto
Total quartz frequency
tolerance
Tamb = -40 to 85 °C
100
ppm
tsu
Start up time
10
ms
gm
Oscillator transconductance
0.0006
A/V
Cxti,Cxto Load capacitance
With crystal between XTI and XTO
16
pF
External XTI input frequency mode (pin 9)
fexti
Externaly applied XTI
frequency
4
10.25
21
MHz
Vxti
XTI input voltage
With Rxto = 3.3 kOhm,
and fexti = 10.25 MHz
220
mVpp
Cin
Coupling capacitor for external
clock frequency
100
pF
Rxto
XTO pull up to VDDD
3.3
k
Ω
Table 5.
Electrical characteristics (continued)
Tamb = -40 to +85 °C, VDDA/VDDD = 3.0 to 3.6 V, fosc = 8.55 MHz, unless otherwise specified
VDDD and VDDA must not differ more than 0.15 V
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com