Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 15Page - STMicroelectronics TDA7333N Datasheet HTML 16Page - STMicroelectronics TDA7333N Datasheet HTML 17Page - STMicroelectronics TDA7333N Datasheet HTML 18Page - STMicroelectronics TDA7333N Datasheet HTML 19Page - STMicroelectronics TDA7333N Datasheet HTML 20Page - STMicroelectronics TDA7333N Datasheet HTML 21Page - STMicroelectronics TDA7333N Datasheet HTML 22Page - STMicroelectronics TDA7333N Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TDA7333N
Functional description
19/36
Figure 9.
RAM buffer states
The different states of the buffer are indicated with the help of following flags:
–
“bne”, buffer not empty. It is set as soon as one RDS block is written in the buffer,
and reset when reading rds_int register. This flag is a bit of rds_int register, it is
also an interrupt source (refer to Section 3.8.1).
–
“bfull”, buffer full. It is set when 24 RDS blocks have been written, that is to say that
there is about 20 ms to read out the buffer content before an overflow occurs. This
flag is an interrupt source.
–
“bovf”, buffer overflow. It is set if more than 24 RDS blocks are written. This flag is
a bit of register rds_corrp (refer to Section 3.8.3) and is cleared only by reading
the whole buffer (24 blocks).
An address reset of the RAM buffer can be performed by writing a 1 to “ar_res” bit in rds_int
register, it also forces a resynchronization.
bne = 0
bfull = 0
bovf = 0
the read pointer reaches but
doesn't go ahead the write pointer
Rp
Wp
Rp
Wp
the read pointer doesn't go
ahead the write pointer
Rp
bne = 1
bfull = 0
bovf = 0
bne = 0
bfull = 0
bovf = 0
0
Wp
Rp
Wp
Rp
Wp
Rp
the write pointer reaches position
before the read pointer
(24 data written before any read)
the Wp reaches Rp
overflow flag is set
and the first data is
overwritten
Wp
bne = 1
bfull = 0
bovf = 0
bne = 1
bfull = 1
bovf =
1
1
Rp Wp
reset status
Wp
Rp
write next three data into
buffer (internally)
bne = 1
bfull = 0
bovf = 0
Wp
1
Rp
Wp
read three data from buffer
(externally)
bne = 1
bfull = 0
bovf = 0
Rp
13
4
5
6
Note : The read pointer Rp is driven externally through micro read access,
and the write pointer Wp is driven internally on every incoming block.
0
write
Wp
Rp
bne = 1
bfull = 1
bovf = 01
write
Wp and Rp are
moving together
overwriting next data
read
read
bne = 0
bfull = 0
bovf = 0
Rp Wp
write the first data
into buffer (internally)
2
0
1
2
23
22
21
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
write
write
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com