Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 24Page - STMicroelectronics TDA7333N Datasheet HTML 25Page - STMicroelectronics TDA7333N Datasheet HTML 26Page - STMicroelectronics TDA7333N Datasheet HTML 27Page - STMicroelectronics TDA7333N Datasheet HTML 28Page - STMicroelectronics TDA7333N Datasheet HTML 29Page - STMicroelectronics TDA7333N Datasheet HTML 30Page - STMicroelectronics TDA7333N Datasheet HTML 31Page - STMicroelectronics TDA7333N Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Functional description
TDA7333N
28/36
The transfer can be terminated after having written one, two, three, four (Figure 11), or five
bytes.
The registers are written in the following order:
rds_int[7:0], rds_bd_ctrl[7:0], sinc4reg[7:0], testreg[7:0], pllreg4[7:0], pllreg3[7:0],
pllreg2[7:0], pllreg1[7:0], pllreg0[7:0].
sinc4reg[7:0] and testreg[7:0] are dedicated for test and have to keep zero filled for
application.
Figure 12.
I2C write operation example: write of rds_int and rds_bd_ctrl registers
3.9.2
Read transfer
Figure 13.
I2C read transfer
13 bytes can be read at a time (please refer to Section 3.8 for the meaning of each bit).
The master has the possibility to read less than 13 registers by not sending the
acknowledge bit and then generating a stop condition after having read the needed amount
of registers.
There are two typical read access:
–
read only the first register rds_int to check the interrupt bit.
–
read the first five registers rds_int, rds_qu, rds_corrp, rds_bd_h and rds_bd_l to
get the RDS data.
The registers are read in the following order:
rds_int[7:0], rds_qu[7:0], rds_corrp[7:0], rds_bd_h[7:0], rds_bd_l[7:0], rds_bd_ctrl[7:0],
sinc4reg[7:0], testreg[7:0], pllreg4[7:0], pllreg3[7:0], pllreg2[7:0], pllreg1[7:0],
pllreg0[7:0].
Only the “bne” flag can be used for polling mode. There are two different ways to use this
mode, while the first one causes less bus traffic than the second:
S
SDA
SCL
START
CONDITION
W
ACK
rds_int[7:0]
rds_bd_ctrl[7:0]
P
STOP
CONDITION
ACK
ACK
SA
CSN 1
0
SLAVE ADDRESS
R
S
Slave address
rds_int
A
rds_qu
A
A
testreg
A
P
from master to slave
from slave to master
S = start condition
Slave address = 001000S ( where S is the level of the pin
SA_DATAOUT)
A = acknowledge bit
P = stop condition
R = read mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com