Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 11Page - STMicroelectronics TDA7333N Datasheet HTML 12Page - STMicroelectronics TDA7333N Datasheet HTML 13Page - STMicroelectronics TDA7333N Datasheet HTML 14Page - STMicroelectronics TDA7333N Datasheet HTML 15Page - STMicroelectronics TDA7333N Datasheet HTML 16Page - STMicroelectronics TDA7333N Datasheet HTML 17Page - STMicroelectronics TDA7333N Datasheet HTML 18Page - STMicroelectronics TDA7333N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
TDA7333N
Functional description
15/36
type of error can be measured with the five “cp” bits in order to classify the reliability of the
correction. Each bit set within “cp” means that one bit was corrected.
The two RDS data bytes rds_bd_h[7:0] and rds_bd_l[7:0] are available at the I2C/SPI
interface together with status bits rds_corrp[7:0] and rds_qu[7:0] giving reliability information
of the data (refer to Figure 5). rds_int[7:0] bits are used for interrupt and group and block
synchronization control. A software reset “ar_res” rds_int[5] can be used to force
resynchronization.
An endless 2 bit block counter (A, B, C or C’, D, A, B...) increments one step if a new RDS
block was received. During synchronization the block counter is set to the first identified
valid RDS block. Then every next RDS block must be of that type which is indicated by the
block counter “blk” rds_qu[3:2]. If this is not true, then the syndrome becomes not zero
(indicated by “synz” bit rds_qu[0]) and the “data_ok” bit rds_corrp[1] is not set. In case of
USA BRDS, four consecutive E blocks can be received which are indicated by the “e” bit
rds_qu[1].
The quality bit counter rds_qu[7:4] counts the bad quality marked RDS bits within a RDS
block.
The group and block synchronization module extracts also TA, TAEON information and
detects blocks types A, B, D (refer to page 21) which can be used as interrupt sources.
The TA interrupt is performed in two cases: If within block B the group 0A or 0B is indicated
and the TA bit is set or if within block B group 15B is indicated and the TA bit is set. The
TAEON interrupt is performed, if within block B group 14B is indicated and the TA bit is set.
The interrupts can be recognized on the interrupt flag “int” rds_int[0] (refer to Section 3.8.1).
The external open drain pin INTN (15) is the inverted version of the “int” flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com