Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 17Page - STMicroelectronics TDA7333N Datasheet HTML 18Page - STMicroelectronics TDA7333N Datasheet HTML 19Page - STMicroelectronics TDA7333N Datasheet HTML 20Page - STMicroelectronics TDA7333N Datasheet HTML 21Page - STMicroelectronics TDA7333N Datasheet HTML 22Page - STMicroelectronics TDA7333N Datasheet HTML 23Page - STMicroelectronics TDA7333N Datasheet HTML 24Page - STMicroelectronics TDA7333N Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TDA7333N
Functional description
21/36
The meaning of each bit is described below:
3.8.1
rds_int register
rds_bd_ctrl[7:0]
read/write
frequency, quality sensitivity, demodulator pll settings
sinc4reg[7:0]
read/write
sinc4 filter settings (for internal use only)
testreg[7:0]
read/write
test modes (for internal use only)
pllreg4[7:0]
read/write
PLL control register 4
pllreg3[7:0]
read/write
PLL control register 3
pllreg2[7:0]
read/write
PLL control register 2
pllreg1[7:0]
read/write
PLL control register 1
pllreg0[7:0]
read/write
PLL control register 0
Table 7.
Registers description (continued)
Register
Access
rights
Function
(1) If the interrupt source is changed form block A, B,
D, TA, TA EON to another one "no interrupt" must be
set before to clear the previous interrupt acknowledge.
Interrupt bit. It is set to one on every programmed interrupt. It is
reset by reading rds_int register. The inverted version is also
externally available on RDSINT pin.
itsrc[2:0] selects interrupt source (1).
Block A, B, D and TA, TA EON interrupts only if "synch" =1.
Synchronization information (refer to pages 13-15).
1: The module is already synchronized.
0: The module is synchronizing.
It is used to force a resynchronization. If it is set to one, the RDS
modules are forced to resynchronization state and the RAM buffer
address is reset.
This bit is reset automatically. It is read always as zero.
Buffer not empty.
1: At least one block is present in the RAM buffer.
0: The RAM buffer is empty.
rds_int, rds_bd_ctrl and pllreg4-0 write order.
This bit is only used in SPI mode and is read always as zero.
1: Update of rds_int, rds_bd_ctrl and pllreg4-0 with data shifted in.
0: No update of rds_int, rds_bd_ctrl and pllreg4-0.
bit name
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r/w
r
r/w
r
r/w
r/w
r/w
itsrc0
int
ar_res
bne
itsrc1
synch
write
reset value
0
00
0
0
00
0
itsrc2
(1)
itsrc2
0
0
itsrc1
interrupt source
itsrc0
buffer not empty
block B
block A
buffer full
block D
TA
TA EON
no interrupt
0
0
10
0
11
1
10
1
11
0
01
1
00
1
01
rds_int



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com