Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 25Page - STMicroelectronics TDA7333N Datasheet HTML 26Page - STMicroelectronics TDA7333N Datasheet HTML 27Page - STMicroelectronics TDA7333N Datasheet HTML 28Page - STMicroelectronics TDA7333N Datasheet HTML 29Page - STMicroelectronics TDA7333N Datasheet HTML 30Page - STMicroelectronics TDA7333N Datasheet HTML 31Page - STMicroelectronics TDA7333N Datasheet HTML 32Page - STMicroelectronics TDA7333N Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
TDA7333N
Functional description
29/36
1.
Read only the first register rds_int to check the “bne” bit.
If “bne” bit is not set, the stop condition can be set, as shown in (Figure 15).
If “bne” bit is set, the transfer must be continued by the i2c master, until at least the four
register rds_qu, rds_corrp, rds_bd_h and rds_bd_l are read out, then the i2c master is
allowed to set the stop condition (Figure 14). Then the whole Buffer must be read out,
by reading each time at least the five registers rds_int, rds_qu, rds_corrp, rds_bd_h
and rds_bd_l without interruption. This must be done until the “bne” bit is set to zero
(last RDS block).
2.
If the I2C master is not able to handle the above protocol, it must read always at least
the first five registers rds_int, rds_qu, rds_corrp, rds_bd_h, rds_bd_l out independent if
“bne” is set or not (Figure 14). If the “bne” flag is set the whole RAM buffer must be
read out, by reading each time at least the five registers rds_int, rds_qu, rds_corrp,
rds_bd_h and rds_bd_l without interruption. This must be done until the “bne” bit is set
to zero (last RDS block).
Note:
In polling mode the interrupt flag “int” is just a indication that the wanted information is stored
within the RAM Buffer.
In polling mode it is possible that the last RDS data (rds_qu, rds_corrp, rds_bd_h and
rds_bd_l), which was read out as the “bne” flag was set to zero, is identical to the RDS data
before. This must be checked by the external micro controller by comparing the last received
2 RDS blocks. If they are identical, one of them can be skipped. (This is the case if just one
RDS block is stored in the RAM buffer).
Figure 14.
I2C read access example 1: read of 5 bytes
Figure 15.
I2C read access example 2: read of 1 byte
S
SDA
SCL
START
CONDITION
R ACK
rds_int[7:0]
rds_qu[7:0]
ACK
ACK
SA
CSN 1
0
SLAVE ADDRESS
rds_corrp[7:0]
rds_bd_h[7:0]
rds_bd_l[7:0]
P
STOP
CONDITION
ACK
ACK
ACK
S
SDA
SCL
START
CONDITION
R
ACK
rds_int[7:0]
SA
CSN 1
0
SLAVE ADDRESS
P
STOP
CONDITION
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com