Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 18Page - STMicroelectronics TDA7333N Datasheet HTML 19Page - STMicroelectronics TDA7333N Datasheet HTML 20Page - STMicroelectronics TDA7333N Datasheet HTML 21Page - STMicroelectronics TDA7333N Datasheet HTML 22Page - STMicroelectronics TDA7333N Datasheet HTML 23Page - STMicroelectronics TDA7333N Datasheet HTML 24Page - STMicroelectronics TDA7333N Datasheet HTML 25Page - STMicroelectronics TDA7333N Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Functional description
TDA7333N
22/36
3.8.2
rds_qu register
3.8.3
rds_corrp register
(2) If "syncw" =1 of rds_bd_ctrl register, the block counter in-
dicates the expected RDS block.
(3) qu[3...0] counts the number of bits (max.16) which are
marked as bad by the demodulator within each RDS block.
It could be used as a quality information, indicating the max-
imum number of bits which are allowed to be corrected.
It indicates if error correction was successful.
1: The syndrome was zero after error correction.
0: The syndrome did not become zero and therefore the error
correction was not successful.
1: Block E is detected. This indicates a paging block which is
deÞned in the RBDS speciÞcation used in the United States of
America.
0: An ordinary RDS block A, B, C, C« or D is detected, or no valid
syndrome was found.
Bit 0 of block counter (2).
bit 1 of block counter (2).
bit 0 of quality counter (3).
bit 1 of quality counter (3).
bit 2 of quality counter (3).
bit 3 of quality counter (3).
bit name
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r
rr
rrr
r
synz
e
qu0
qu3
qu1
qu2
blk1
blk0
blk1
1
0
0
0
blk0
block A
block name
block D
1
block C,C'
0
block B
1
1
(2)
reset value
0
0
00
00
0
0
rds_qu
(4) (Refer to CENELEC Radio Data System speciÞcation
EN50067, ANNEX B). When bits 0...4 of the syndrome reg-
ister are zero, a possible error burst is detected. With help
of the correction pattern (bits 5...9 of the syndrome register),
the type of error can be measured, in order to classify the
reliability of the correction.
Buffer overflow
1: More than 24 blocks have been written into the buffer.
0: No buffer data has been overwritten.
Information if the current RDS data could be used.
1: A correct syndrome was detected and no error correction was
done on a good quality marked RDS bit and the flywheel counter is
greater than 2 (RDS data is OK).
0: The syndrome was wrong, or an error correction was done on a
good quality marked RDS bit, or the flywheel counter is lower than 3
(RDS data is not OK).
It is an information about error correction.
1: An error correction was done.
0: The actual RDS block is detected as error free.
bit 5 of the syndrome register(4).
bit 6 of the syndrome register(4).
bit 7 of the syndrome register(4).
bit 8 of the syndrome register(4).
bit 9 of the syndrome register(4).
bit name
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r
rr
rr
r
r
bovf
dat_ok
cp6
cp9
cp7
cp8
cp5
correct
reset value
0
0
00
00
0
0
rds_corrp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com