Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 10Page - STMicroelectronics TDA7333N Datasheet HTML 11Page - STMicroelectronics TDA7333N Datasheet HTML 12Page - STMicroelectronics TDA7333N Datasheet HTML 13Page - STMicroelectronics TDA7333N Datasheet HTML 14Page - STMicroelectronics TDA7333N Datasheet HTML 15Page - STMicroelectronics TDA7333N Datasheet HTML 16Page - STMicroelectronics TDA7333N Datasheet HTML 17Page - STMicroelectronics TDA7333N Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Functional description
TDA7333N
14/36
3.5
Group and block synchronization module
The group and block synchronization module has the following features:
–
Hardware group and block synchronization
–
Hardware error detection
–
Hardware error correction, using quality bit information to indicate bad corrections
–
Hardware synchronization flywheel
–
TA, TAEON information extraction
–
Reset by software “ar_res”, which resets also RAM buffer addresses and RDS
demodulator
Figure 5.
Group and block synchronization diagram
This module is used to acquire group and block synchronization of the received RDS data
stream, which is provided in a modified shortened cyclic code. For theory and
implementation of modified shortened cyclic code and error correction, please refer to
CENELEC Radio Data System (RDS) specification EN50067.
Group and block synchronization module can detect and correct five bit error burst in the
data stream. If an error correction is done on a good quality marked RDS bit, the “data_ok”
bit rds_corrp[1] won’t be set (refer to page 22). Before error correction, the five MSBs of the
syndrome register are stored in the “cp” bits rds_corrp[7:3].
If the five LSBs of the syndrome register are zero, the “cp” pattern is used for error
correction. After that operation the syndrome must become zero for valid RDS data. The
S(4:0)
RDSCLK
RDSDAT
RDSQAL
rds_bd_h,rds_bd_l
rds_corrp
rds_qu
rds_int
RDSDAT(15:0)
Q(3:0)
CP(9:5)
Correct. pat.
Syndrome register
S(9:0)
Correction
logic
Corrected
Data_OK
Block
missed
QU(0:3)
RDS block counter
ABH
DBH
BLOCK E detected
Syndrom zero
Group & Block Synchronization Control Block
set
set
new
Block
available
next
RDS
bit
int
bit_int
res
AR_RES
read only
read only
read only
read/write
BLOCK A
Quality bit counter
from RDS
Demodulator
BLOCK B
BLOCK D
TAEON
TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com