Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 16Page - STMicroelectronics TDA7333N Datasheet HTML 17Page - STMicroelectronics TDA7333N Datasheet HTML 18Page - STMicroelectronics TDA7333N Datasheet HTML 19Page - STMicroelectronics TDA7333N Datasheet HTML 20Page - STMicroelectronics TDA7333N Datasheet HTML 21Page - STMicroelectronics TDA7333N Datasheet HTML 22Page - STMicroelectronics TDA7333N Datasheet HTML 23Page - STMicroelectronics TDA7333N Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Functional description
TDA7333N
20/36
Figure 9 describes the different states of the buffer with corresponding flags values:
1.
This is the reset state, read (Rp) and write pointer (Wp) pointing at the same location 0.
The buffer is empty.
2.
After the first buffer write operation, Wp points to the last written data (0, it is not
incremented) and the flag “bne” (buffer not empty) is set.
3.
After next buffer write operation, Wp points to the last written data (3, incremented
address).
4.
After buffer read operation, Rp points to incremented address (data to be read on the
next read cycle), following the Wp. As soon as Rp reaches the Wp (of value 3), it is not
incremented to 4 and flag “bne” is reset. Rp never goes ahead the Wp.
5.
If the buffer is full (i.e. 24 blocks have been written before any read), flag “bfull” is set. If
no read operation is performed, on next write operation “bovf” (buffer overflow) is set,
and each subsequent write operation will overwrite the oldest data of the RAM buffer.
Rp is moved in front of the Wp.
6.
If the whole content of the buffer has already been read, subsequent read operation will
always read the last written location - Rp never goes ahead the Wp.
3.8
Programming through serial bus interface
The serial bus interface is used to access the different registers of the chip. It is able to
handle both I2C and
SPI transfer protocols, the selection between the two modes is done thanks to the pin CSN:
–
if the pin CSN is high, the interface operates as an I2C bus.
–
if the pin CSN is asserted low, the interface operates as a SPI bus.
In both modes, the device is a slave, i.e the clock pin SCL_CLK is only an input for the chip.
Depending on the transfer mode, external pins have alternate functions as following:
13 registers are available with read or read/write access:
Table 6.
External pins alternate functions
Pin
Function in SPI mode (CSN=0)
Function in I2C mode (CSN=1)
SCL_CLK
CLK (serial clock)
SCL (serial clock)
SDA_DATAIN
DATAIN (data input)
SDA (data line)
SA_DATAOUT
DATAOUT (data output)
SA (slave address)
Table 7.
Registers description
Register
Access
rights
Function
rds_int[7:0]
read/write
interrupt source setting, synch., bne information
rds_qu[7:0]
read
quality counter, actual block name
rds_corrp[7:0]
read
error correction status, buffer ovf information
rds_bd_h[7:0]
read
high byte of current RDS block
rds_bd_l[7:0]
read
low byte of current RDS block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com