Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7333N Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 23Page - STMicroelectronics TDA7333N Datasheet HTML 24Page - STMicroelectronics TDA7333N Datasheet HTML 25Page - STMicroelectronics TDA7333N Datasheet HTML 26Page - STMicroelectronics TDA7333N Datasheet HTML 27Page - STMicroelectronics TDA7333N Datasheet HTML 28Page - STMicroelectronics TDA7333N Datasheet HTML 29Page - STMicroelectronics TDA7333N Datasheet HTML 30Page - STMicroelectronics TDA7333N Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
TDA7333N
Functional description
27/36
3.9
I2C transfer mode
This interface consists of three lines: a serial data line (SDA), a bit clock (SCL), and a slave
address select (SA).
The interface is capable of operating up to 400 kbits/s. If during the setup the system clock
fsys is smaller then 8.55 MHz, then the max. I2C speed decreases linear (e.i. if fsys = 4.275
MHz then the maximum I2C speed is 200 kbits/s for setup).
Data transfers follow the format shown in Figure 10. After the START condition (S), a slave
address is sent. The address is 7 bits long followed by an eighth bit which is a data direction
bit (R/_W).
A zero indicates a transmission (WRITE), a one indicates a request for data (READ).
The slave address of the chip is set to 001000S, where S is the least significant bit of the
slave address set externally via the pin SA_DATAOUT. This allows to choose between two
addresses in case of conflict with another device of the radio set.
Each byte has to be followed by an acknowledge bit (SDA low).
Data is transferred with the most significant (MSB) bit first.
A data transfer is always terminated by a stop condition (P) generated by the master.
Figure 10.
I2C data transfer
3.9.1
Write transfer
Figure 11.
I2C write transfer
9 registers are available with write access (please refer to Section 3.8 for the meaning of
each bit).
To write registers, the external master must initiate the write transfer as described above,
then send the data to be written, and terminate the transfer by generating a stop condition.
S
P
1-7
8
9
1-7
8
9
1-7
8
9
SDA
SCL
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK/ACK
S
Slave address
rds_int
A
A
A
sinc4reg
A
P
W
testreg
rds_bd_ctrl
from master to slave
from slave to master
W = write mode
Slave address = 001000S ( where S is the level of the pin
SA_DATAOUT)
A = acknowledge bit
P = stop condition
S = start condition
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com