Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 63Page - STMicroelectronics ST10R272 Datasheet HTML 64Page - STMicroelectronics ST10R272 Datasheet HTML 65Page - STMicroelectronics ST10R272 Datasheet HTML 66Page - STMicroelectronics ST10R272 Datasheet HTML 67Page - STMicroelectronics ST10R272 Datasheet HTML 68Page - STMicroelectronics ST10R272 Datasheet HTML 69Page - STMicroelectronics ST10R272 Datasheet HTML 70Page - STMicroelectronics ST10R272 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
67/77
ST10R272L - ELECTRICAL CHARACTERISTICS
1
Cycle as programmed, including MCTC waitstates (Example shows 0 MCTC WS).
2
The leading edge of the respective command depends on RW-delay.
3READY (or READY) sampled HIGH (resp. LOW) at this sampling point generates a
READY controlled waitstate, READY (resp. READY) sampled LOW (resp. HIGH) at this
sampling point terminates the currently running bus cycle.
4READY (resp. READY) may be deactivated in response to the trailing (rising) edge of the
corresponding command (RD or WR).
5
If the Asynchronous READY (or READY) signal does not fulfill the indicated setup and
hold times with respect to CLKOUT (e.g. because CLKOUT is not enabled), it must fulfill t
37 in order to be safely synchronized. This is guaranteed, if READY is removed in
response to the command (see Note 4)).
Figure 24 CLKOUT and READY/READY
Sync
READY
t35
t36
t35
t36
Async
READY
t58
t59
t58
t59
t37
3)
3)
5)
t60
4)
see 6)
3)
3)
CLKOUT
ALE
t30
t34
Sync
READY
t35
t36
t35
t36
Async
READY
t58
t59
t58
t59
waitstate
READY
MUX/Tristate 6)
t32
t33
t29
Running cycle 1)
t31
t37
3)
3)
5)
Command
RD, WR
t60
4)
2)
7)
3)
3)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com