Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 33Page - STMicroelectronics ST10R272 Datasheet HTML 34Page - STMicroelectronics ST10R272 Datasheet HTML 35Page - STMicroelectronics ST10R272 Datasheet HTML 36Page - STMicroelectronics ST10R272 Datasheet HTML 37Page - STMicroelectronics ST10R272 Datasheet HTML 38Page - STMicroelectronics ST10R272 Datasheet HTML 39Page - STMicroelectronics ST10R272 Datasheet HTML 40Page - STMicroelectronics ST10R272 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
37/77
ST10R272L - SPECIAL FUNCTION REGISTERS
PECC2
FEC4h
62h
PEC Channel 2 Control Register
0000h
PECC3
FEC6h
63h
PEC Channel 3 Control Register
0000h
PECC4
FEC8h
64h
PEC Channel 4 Control Register
0000h
PECC5
FECAh
65h
PEC Channel 5 Control Register
0000h
PECC6
FECCh
66h
PEC Channel 6 Control Register
0000h
PECC7
FECEh
67h
PEC Channel 7 Control Register
0000h
PP3
F03Eh
E
1Fh
PWM Module Period Register 3
0000h
PSW
b
FF10h
88h
CPU Program Status Word
0000h
PW3
FE36h
1Bh
PWM Module Pulse Width Register 3
0000h
PWMCON0 b
FF30h
98h
PWM Module Control Register 0
0000h
PWMCON1 b
FF32h
99h
PWM Module Control Register 1
0000h
PWMIC
b
F17Eh
E
BFh
PWM Module Interrupt Control Register
0000h
QR0
F004h
E
02h
MAC Unit Offset Register R0 (8 bits)
00h
QR1
F006h
E
03h
MAC Unit Offset Register R1 (8 bits)
00h
QX0
F000h
E
00h
MAC Unit Offset Register X0 (8 bits)
00h
QX1
F002h
E
01h
MAC Unit Offset Register X1 (8 bits)
00h
RP0H
b
F108h
E
84h
System Start-up Configuration Register (Rd. only) XXh
S0BG
FEB4h
5Ah
Serial Channel 0 baud rate generator reload reg
0000h
S0CON
b
FFB0h
D8h
Serial Channel 0 Control Register
0000h
S0EIC
b
FF70h
B8h
Serial Channel 0 Error Interrupt Control Register
0000h
S0RBUF
FEB2h
59h
Serial Channel 0 receive buffer reg. (rd only)
XXh
S0RIC
b
FF6Eh
B7h
Serial Channel 0 Receive Interrupt Control Reg.
0000h
S0TBIC
b
F19Ch
E
CEh
Serial Channel 0 transmit buffer interrupt control
reg
0000h
S0TBUF
FEB0h
58h
Serial Channel 0 transmit buffer register (wr only)
00h
S0TIC
b
FF6Ch
B6h
Serial Channel 0 Transmit Interrupt Control Regis-
ter
0000h
Name
Physical
Address
8-Bit
Address
Description
Reset
Value
Table 13 Special functional registers
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com