Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 46Page - STMicroelectronics ST10R272 Datasheet HTML 47Page - STMicroelectronics ST10R272 Datasheet HTML 48Page - STMicroelectronics ST10R272 Datasheet HTML 49Page - STMicroelectronics ST10R272 Datasheet HTML 50Page - STMicroelectronics ST10R272 Datasheet HTML 51Page - STMicroelectronics ST10R272 Datasheet HTML 52Page - STMicroelectronics ST10R272 Datasheet HTML 53Page - STMicroelectronics ST10R272 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
50/77
ST10R272L - ELECTRICAL CHARACTERISTICS
where
N = number of consecutive TCLs and 1
≤ N ≤ 40. So for a period of 3 TCLs (i.e. N = 3):
and
PLL jitter is an important factor for bus cycles using waitstates and for the operation of timers,
serial interfaces, etc. For slower operations and longer periods (e.g. pulse train generation or
measurement, lower baudrates, etc.) the deviation caused by the PLL jitter is negligible.
Figure 15 Approximated maximum PLL jitter
D
3
43 15
⁄
–
=
3.8%
=
3TCL
min
3TCL
NOM
1
3.8 100
⁄
–
()
×
=
3TCL
NOM
0.962 36.07nsec @fcpu=50MHz
()
×
=
32
16
8
4
2
±1
±2
±3
±4
Max.jitter [%]
N
This formula is valid for 1<N<40 and 10<fcpu<50
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com