Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 24Page - STMicroelectronics ST10R272 Datasheet HTML 25Page - STMicroelectronics ST10R272 Datasheet HTML 26Page - STMicroelectronics ST10R272 Datasheet HTML 27Page - STMicroelectronics ST10R272 Datasheet HTML 28Page - STMicroelectronics ST10R272 Datasheet HTML 29Page - STMicroelectronics ST10R272 Datasheet HTML 30Page - STMicroelectronics ST10R272 Datasheet HTML 31Page - STMicroelectronics ST10R272 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
28/77
ST10R272L - GENERAL PURPOSE TIMERS
F
CPU=50MHz
Timer input selection
000b
001b
010b
011b
100b
101b
110b
111b
Prescaler
Factor
8
16
32
64
128
256
512
1024
Input
Frequency
6.25 MHz 3.125
MHz
1.5625
MHz
781
KHz
391
KHz
195
KHz
97.5
KHz
48.83
KHz
Resolution
160ns
320ns
640ns
1.28 us
2.56 us
5.12 us
10.24 us
20.48 us
Period
10.49ms
20.97ms
41.94ms
83.88ms
168ms
336ms
672ms
1.342s
Table 8 GPT1 timer input frequencies, resolution and periods
Figure 8 GPT1 block diagram
2n n=3...10
2n n=3...10
2n n=3...10
T2EUD
T2IN
CPUClock
CPUClock
CPUClock
T3IN
T4IN
T3EUD
T4EUD
T2
Mode
T3
Mode
T4
Mode
GPT1 Timer T2
GPT1 Timer T3
GPT1 Timer T4
T3OTL
Reload
Capture
U/D
U/D
Reload
Capture
Interrupt
Request
Interrupt
Request
Interrupt
Request
T3OUT
U/D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com