Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 32Page - STMicroelectronics ST10R272 Datasheet HTML 33Page - STMicroelectronics ST10R272 Datasheet HTML 34Page - STMicroelectronics ST10R272 Datasheet HTML 35Page - STMicroelectronics ST10R272 Datasheet HTML 36Page - STMicroelectronics ST10R272 Datasheet HTML 37Page - STMicroelectronics ST10R272 Datasheet HTML 38Page - STMicroelectronics ST10R272 Datasheet HTML 39Page - STMicroelectronics ST10R272 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
36/77
ST10R272L - SPECIAL FUNCTION REGISTERS
IDX1
b
FF0Ah
85h
MAC Unit Address Pointer 1
0000h
MAH
FE5Eh
2Fh
MAC Unit Accumulator - High Word
0000h
MAL
FE5Ch
2Eh
MAC Unit Accumulator - Low Word
0000h
MCW
FFDCh
EEh
MAC Unit Control Word
0000h
MDC
b
FF0Eh
87h
CPU Multiply Divide Control Register
0000h
MDH
FE0Ch
06h
CPU Multiply Divide Register – High Word
0000h
MDL
FE0Eh
07h
CPU Multiply Divide Register – Low Word
0000h
MRW
b
FFDAh
EDh
MAC Unit Repeat Word
0000h
MSW
b
FFDEh
EFh
MAC Unit Status Word
0200h
ODP2
b
F1C2h
E
E1h
Port 2 Open Drain Control Register
-0--h
ODP3
b
F1C6h
E
E3h
Port 3 Open Drain Control Register
0000h
ODP6
b
F1CEh
E
E7h
Port 6 Open Drain Control Register
00h
ODP7
b
F1D2h
E
E9h
Port 7 Open Drain Control Register
-0h
ONES
FF1Eh
8Fh
Constant Value 1’s Register (read only)
FFFFh
P0L
b
FF00h
80h
Port 0 Low Register (Lower half of PORT0)
00h
P0H
b
FF02h
81h
Port 0 High Register (Upper half of PORT0)
00h
P1L
b
FF04h
82h
Port 1 Low Register (Lower half of PORT1)
00h
P1H
b
FF06h
83h
Port 1 High Register (Upper half of PORT1)
00h
P2
b
FFC0h
E0h
Port 2 Register (4 bits)
-0--h
P3
b
FFC4h
E2h
Port 3 Register
0000h
P4
b
FFC8h
E4h
Port 4 Register (8 bits)
00h
P5
b
FFA2h
D1h
Port 5 Register (read only)
XXXXh
P6
b
FFCCh
E6h
Port 6 Register (8 bits)
00h
P7
b
FFD0h
E8h
Port 7Register (4 bits)
-0h
PECC0
FEC0h
60h
PEC Channel 0 Control Register
0000h
PECC1
FEC2h
61h
PEC Channel 1 Control Register
0000h
Name
Physical
Address
8-Bit
Address
Description
Reset
Value
Table 13 Special functional registers
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com