Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 5Page - STMicroelectronics ST10R272 Datasheet HTML 6Page - STMicroelectronics ST10R272 Datasheet HTML 7Page - STMicroelectronics ST10R272 Datasheet HTML 8Page - STMicroelectronics ST10R272 Datasheet HTML 9Page - STMicroelectronics ST10R272 Datasheet HTML 10Page - STMicroelectronics ST10R272 Datasheet HTML 11Page - STMicroelectronics ST10R272 Datasheet HTML 12Page - STMicroelectronics ST10R272 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
9/77
ST10R272L - PIN DESCRIPTION
RSTIN
79
I
5T
Reset Input with Schmitt-Trigger characteristics. Resets the
device when a low level is applied for a specified duration while
the oscillator is running. An internal pullup resistor enables
power-on reset using only a capacitor connected to
VSS. With
a bonding option, the RSTIN pin can also be pulled-down for
512 internal clock cycles for hardware, software or watchdog
timer triggered resets
RSTOUT
80
O
5T
Internal Reset Indication Output. This pin is set to a low level
when the part is executes hardware-, software- or watchdog
timer reset. RSTOUT remains low until the EINIT (end of ini-
tialization) instruction is executed.
NMI
81
I
5S
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine.
If it is not used, NMI should be pulled high externally.
P6.0-
P6.7
82-89
I/O
5T
An 8-bit bidirectional I/O port. Port 6 is bit-wise programmable
for input or output via direction bits. For a pin configured as
input, the output driver is put into high-impedance state. Port 6
outputs can be configured as push/pull or open drain drivers.
The following Port 6 pins have alternate functions:
82
O
5T
P6.0
CS0
Chip Select 0 Output
...
...
...
...
...
...
86
O
5T
P6.4
CS4
Chip Select 4 Output
87
I
5T
P6.5
HOLD
External Master Hold Request Input
(Master mode: O, Slave mode: I)
88
I/O
5T
P6.6
HLDA
Hold Acknowledge Output
89
O
5T
P6.7
BREQ
Bus Request Output
Table 1 Pin definitions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com