Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 19Page - STMicroelectronics ST10R272 Datasheet HTML 20Page - STMicroelectronics ST10R272 Datasheet HTML 21Page - STMicroelectronics ST10R272 Datasheet HTML 22Page - STMicroelectronics ST10R272 Datasheet HTML 23Page - STMicroelectronics ST10R272 Datasheet HTML 24Page - STMicroelectronics ST10R272 Datasheet HTML 25Page - STMicroelectronics ST10R272 Datasheet HTML 26Page - STMicroelectronics ST10R272 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
23/77
ST10R272L - INTERRUPT AND TRAP FUNCTIONS
6.1
Interrupt Sources
Source of Interrupt or PEC
Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number
External Interrupt 0
CC8IR
CC8IE
CC8INT
60h
18h
External Interrupt 1
CC9IR
CC9IE
CC9INT
64h
19h
External Interrupt 2
CC10IR
CC10IE
CC10INT
68h
1Ah
External Interrupt 3
CC11IR
CC11IE
CC11INT
6Ch
1Bh
GPT1 Timer 2
T2IR
T2IE
T2INT
88h
22h
GPT1 Timer 3
T3IR
T3IE
T3INT
8Ch
23h
GPT1 Timer 4
T4IR
T4IE
T4INT
90h
24h
GPT2 Timer 5
T5IR
T5IE
T5INT
94h
25h
GPT2 Timer 6
T6IR
T6IE
T6INT
98h
26h
GPT2 CAPREL Register
CRIR
CRIE
CRINT
9Ch
27h
ASC0 Transmit
S0TIR
S0TIE
S0TINT
A8h
2Ah
ASC0 Transmit Buffer
S0TBIR
S0TBIE
S0TBINT
11Ch
47h
ASC0 Receive
S0RIR
S0RIE
S0RINT
ACh
2Bh
ASC0 Error
S0EIR
S0EIE
S0EINT
B0h
2Ch
PWM Channel 3
PWMIR
PWMIE
PWMINT
FCh
3Fh
SSP Interrupt
XP1IR
XP1IE
XP1INT
104h
41h
PLL Unlock
XP3IR
XP3IE
XP3INT
10Ch
43h
Table 5 List of possible interrupt sources, flags, vector and trap numbers
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com