Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 4Page - STMicroelectronics ST10R272 Datasheet HTML 5Page - STMicroelectronics ST10R272 Datasheet HTML 6Page - STMicroelectronics ST10R272 Datasheet HTML 7Page - STMicroelectronics ST10R272 Datasheet HTML 8Page - STMicroelectronics ST10R272 Datasheet HTML 9Page - STMicroelectronics ST10R272 Datasheet HTML 10Page - STMicroelectronics ST10R272 Datasheet HTML 11Page - STMicroelectronics ST10R272 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
8/77
ST10R272L - PIN DESCRIPTION
ALE
36
O
5T
Address Latch Enable Output. Can be used for latching the
address into external memory or an address latch in the multi-
plexed bus modes.
EA
37
I
5T
External Access Enable pin. Low level at this pin during and
after reset forces the ST10R272L to begin instruction execu-
tion out of external memory. A high level forces execution out
of the internal ROM. The ST10R272L must have this pin tied
to ‘0’.
PORT0:
P0L.0–
P0L.7,
P0H.0 -
P0H.7
41 - 48
51 - 58
I/O
5T
PORT0 has two 8-bit bidirectional I/O ports P0L and P0H. It is
bit-wise programmable for input or output via direction bits. For
a pin configured as input, the output driver is put into high-
impedance state.
For external bus configuration, PORT0 acts as address (A)
and address/data (AD) bus in multiplexed bus modes and as
the data (D) bus in demultiplexed bus modes.
PORT1:
P1L.0–
P1L.7,
P1H.0 -
P1H.7
59- 66
67, 68
71-76
I/O
5T
PORT1 has two 8-bit bidirectional I/O ports P1L and P1H. It is
bit-wise programmable for input or output via direction bits. For
a pin configured as input, the output driver is put into high-
impedance state. PORT1 acts as a 16-bit address bus (A) in
demultiplexed bus modes and also after switching from a
demultiplexed bus mode to a multiplexed bus mode.
Table 1 Pin definitions
Demultiplexed bus modes
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Multiplexed bus modes
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 – A15
AD8 – AD15
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com