Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 43Page - STMicroelectronics ST10R272 Datasheet HTML 44Page - STMicroelectronics ST10R272 Datasheet HTML 45Page - STMicroelectronics ST10R272 Datasheet HTML 46Page - STMicroelectronics ST10R272 Datasheet HTML 47Page - STMicroelectronics ST10R272 Datasheet HTML 48Page - STMicroelectronics ST10R272 Datasheet HTML 49Page - STMicroelectronics ST10R272 Datasheet HTML 50Page - STMicroelectronics ST10R272 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
47/77
ST10R272L - ELECTRICAL CHARACTERISTICS
16.3.1
CPU Clock Generation Mechanisms
ST10R272L internal operation is controlled by the CPU clock fCPU. Both edges of the CPU
clock can trigger internal (e.g. pipeline) or external (e.g. bus cycles) operations. The external
timing (AC Characteristics) specification therefore depends on the time between two consec-
utive edges of the CPU clock, called “TCL” (see figure below).
The CPU clock signal can be generated by different mechanisms. The duration of TCLs and
their variation (and also the external timing) depends on the fCPU generation mechanism. This
must be considered when calculating ST10R272L timing.
The CPU clock generation mechanism is set during reset by the logic levels on pins P0.15-13
(P0H.7-5).
Figure 14 CPU clock generation mechanisms
P0.15-13 (P0H.7-5)
CPU frequency
fCPU = fXTAL * F
External clock
input range 10-
50MHz
Notes
111
F
XTAL * 4
2.5 to 12.5 MHz
Default configuration
110
F
XTAL * 3
3.33 to 16.66 MHz
101
F
XTAL * 2
5 to 25 MHz
Table 15 CPU clock generation mechanisms
TCL TCL
TCL TCL
fCPU
fXTAL
fCPU
fXTAL
Phase Locked Loop Operation (PLL factor=4)
Direct Clock Drive
TCL
TCL
fCPU
fXTAL
Prescaler Operation
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com