Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 16Page - STMicroelectronics ST10R272 Datasheet HTML 17Page - STMicroelectronics ST10R272 Datasheet HTML 18Page - STMicroelectronics ST10R272 Datasheet HTML 19Page - STMicroelectronics ST10R272 Datasheet HTML 20Page - STMicroelectronics ST10R272 Datasheet HTML 21Page - STMicroelectronics ST10R272 Datasheet HTML 22Page - STMicroelectronics ST10R272 Datasheet HTML 23Page - STMicroelectronics ST10R272 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
20/77
ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC)
Accumulator shifter
The Accumulator shifter is a parallel shifter with a 40-bit input and a 40-bit output. The source
operand of the shifter is the Accumulator and the possible shifting operations are:
•
No shift (Unmodified)
•
Up to 8-bit Arithmetic Left Shift
•
Up to 8-bit Arithmetic Right Shift
E, SV and SL bits from MSW are affected by Left shifts, therefore if the saturation mechanism
is enabled (MS), the behavior is similar to the one of the arithmetic unit. The carry flag C is
also affected by left shifts.
Repeat unit
The MAC includes a repeat unit allowing the repetition of some co-processor instructions up
to 213 (8192) times. The repeat count may be specified either by an immediate value (up to 31
times) or by the content of the Repeat Count (bits 12 to 0) in the MAC Repeat Word (MRW). If
the Repeat Count equals “N” the instruction will be executed “N+1” times. At each iteration of
a cumulative instruction the Repeat Count is tested for zero. If it is zero the instruction is
terminated else the Repeat Count is decremented and the instruction is repeated. During
such a repeat sequence, the Repeat Flag in MRW is set until the last execution of the
repeated instruction.
The syntax of repeated instructions is shown in the following examples:
In example 1, the instruction is repeated according to a 5-bit immediate value. The Repeat
Count in MRW is automatically loaded with this value minus one (MRW=23).
In this example, the instruction is repeated according to the Repeat Count in MRW. Notice that
due to the pipeline processing at least one instruction should be inserted between the write of
MRW and the next repeated instruction.
Repeat sequences may be interrupted. When an interrupt occurs during a repeat sequence,
the sequence is stopped and the interrupt routine is executed. The repeat sequence resumes
at the end of the interrupt routine. During the interrupt, MR remains set, indicating that a
repeated instruction has been interrupted and the Repeat Count holds the number (minus 1)
1
Repeat #24 times
CoMAC[IDX0+],[R0+]
; repeated 24 times
1
MOV MRW, #00FFh
; load MRW
NOP
; instruction latency
Repeat MRW times
CoMACM [IDX1-],[R2+]
; repeated 256 times
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com