Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 31Page - STMicroelectronics ST10R272 Datasheet HTML 32Page - STMicroelectronics ST10R272 Datasheet HTML 33Page - STMicroelectronics ST10R272 Datasheet HTML 34Page - STMicroelectronics ST10R272 Datasheet HTML 35Page - STMicroelectronics ST10R272 Datasheet HTML 36Page - STMicroelectronics ST10R272 Datasheet HTML 37Page - STMicroelectronics ST10R272 Datasheet HTML 38Page - STMicroelectronics ST10R272 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
35/77
ST10R272L - SPECIAL FUNCTION REGISTERS
CC9IC
b
FF8Ah
C5h
EX1IN Interrupt Control Register
0000h
CC10IC
b
FF8Ch
C6h
EX2IN Interrupt Control Register
0000h
CC11IC
b
FF8Eh
C7h
EX3IN Interrupt Control Register
0000h
CP
FE10h
08h
CPU Context Pointer Register
FC00h
CRIC
b
FF6Ah
B5h
GPT2 CAPREL Interrupt Control Register
0000h
CSP
FE08h
04h
CPU Code Segment Pointer Register (read only)
0000h
DP0L
b
F100h
E
80h
P0L Direction Control Register
00h
DP0H
b
F102h
E
81h
P0h Direction Control Register
00h
DP1L
b
F104h
E
82h
P1L Direction Control Register
00h
DP1H
b
F106h
E
83h
P1h Direction Control Register
00h
DP2
b
FFC2h
E1h
Port 2 Direction Control Register
-0--h
DP3
b
FFC6h
E3h
Port 3 Direction Control Register
0000h
DP4
b
FFCAh
E5h
Port 4 Direction Control Register
00h
DP6
b
FFCEh
E7h
Port 6 Direction Control Register
00h
DP7
b
FFD2h
E9h
Port 7 Direction Control Register
-0h
DPP0
FE00h
00h
CPU Data Page Pointer 0 Register (10 bits)
0000h
DPP1
FE02h
01h
CPU Data Page Pointer 1 Register (10 bits)
0001h
DPP2
FE04h
02h
CPU Data Page Pointer 2 Register (10 bits)
0002h
DPP3
FE06h
03h
CPU Data Page Pointer 3 Register (10 bits)
0003h
EBUSCON b
F10Eh
E
87H
Extended BUSCON register
0000h
EXICON
b
F1C0h
E
E0h
External Interrupt Control Register
0000h
IDCHIP
F07Ch
E
3Eh
Device Identifier Register
1101h
IDMANUF
F07Eh
E
3Fh
Manufacturer/Process Identifier Register
0201h
IDMEM
F07Ah
E
3Dh
On-chip Memory Identifier Register
0000h
IDPROG
F078h
E
3Ch
Programming Voltage Identifier Register
0000h
IDX0
b
FF08h
84h
MAC Unit Address Pointer 0
0000h
Name
Physical
Address
8-Bit
Address
Description
Reset
Value
Table 13 Special functional registers
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com