Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 64Page - STMicroelectronics ST52F513 Datasheet HTML 65Page - STMicroelectronics ST52F513 Datasheet HTML 66Page - STMicroelectronics ST52F513 Datasheet HTML 67Page - STMicroelectronics ST52F513 Datasheet HTML 68Page - STMicroelectronics ST52F513 Datasheet HTML 69Page - STMicroelectronics ST52F513 Datasheet HTML 70Page - STMicroelectronics ST52F513 Datasheet HTML 71Page - STMicroelectronics ST52F513 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
ST52F510/F513/F514
68/106
10.5.2 Input Registers.
A/D Converter Overflow Register (AD_OVF)
Input Register 39 (027h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: OVF7-OVF0 Overflow Flag
0: no overflow occurred in the last conversion
1: overflow occurred in the last conversion
A/D Converter Data Registers
The converted digital values of the analog level
applied to AIN0-7 pins, are buffered in the following
register couples:
A/D Channel 0 data MSB (CHAN0_H)
Input Register 41 (029h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 0 data LSB (CHAN0_L)
Input Register 42 (02Ah) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 1 data MSB (CHAN1_H)
Input Register 43 (02Bh) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 1 data LSB (CHAN1_L)
Input Register 44 (02Ch) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 2 data MSB (CHAN2_H)
Input Register 45 (02Dh) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 2 data LSB (CHAN2_L)
Input Register 46 (02Eh) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 3 data MSB (CHAN3_H)
Input Register 47 (02Fh) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 3 data LSB (CHAN3_L)
Input Register 48 (030h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 4 data MSB (CHAN4_H)
Input Register 49 (031h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 4 data LSB (CHAN4_L)
Input Register 50 (032h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 5 data MSB (CHAN5_H)
Input Register 51 (033h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 5 data LSB (CHAN5_L)
Input Register 52 (034h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 6 data MSB (CHAN6_H)
Input Register 53 (035h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 6 data LSB (CHAN6_L)
Input Register 54 (036h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 7 data MSB (CHAN7_H)
Input Register 55 (037h) Read only
Reset Value: 0000 0000 (00h)
A/D Channel 7 data LSB (CHAN7_L)
Input Register 56 (038h) Read only
Reset Value: 0000 0000 (00h)
70
OVF7
OVF6
OVF5
OVF4
OVF3
OVF2
OVF1
OVF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com