Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 73Page - STMicroelectronics ST52F513 Datasheet HTML 74Page - STMicroelectronics ST52F513 Datasheet HTML 75Page - STMicroelectronics ST52F513 Datasheet HTML 76Page - STMicroelectronics ST52F513 Datasheet HTML 77Page - STMicroelectronics ST52F513 Datasheet HTML 78Page - STMicroelectronics ST52F513 Datasheet HTML 79Page - STMicroelectronics ST52F513 Datasheet HTML 80Page - STMicroelectronics ST52F513 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
ST52F510/F513/F514
77/106
Bit 7-0: T0CO7-0 PWM/Timer 0 Counter MSB
This register is used to write the Timer 0 Counter
value (LSB).
Note:
writing
this
register,
the
PWM0_COUNT_OUT_x couple is latched in the
internal registers of the peripherals. For this
reason, this register should be written after the
MSB one.
PWM/Timer 0 Reload High Output Register
(PWM0_RELOAD_H)
Output Register 9 (09h) Write only
Reset Value: 1111 1111 (0FFh)
Bit 7-0: T0REL15-8 PWM/Timer 0 Reload MSB
This register is used to write the Timer 0 Reload
value (MSB).
Note: this register is latched after writing the LSB
part (PWM0_RELOAD_L: see below). For this
reason, this register must be written before the
LSB.
PWM/Timer 0 Reload Low Output Register
(PWM0_RELOAD_L)
Output Register 10 (0Ah) Write only
Reset Value: 1111 1111 (0FFh)
Bit 7-0: T0REL7-0 PWM/Timer 0 Reload LSB
This register is used to write the Timer 0 Reload
value (LSB).
Note:
by
writing
this
register,
the
PWM0_RELOAD_x couple is latched in the
internal registers of the peripherals. For this reason
this register should be written after the MSB one.
12.6 PWM/Timer 1 Register Description
The following registers are related to the use of the
PWM/Timer 1.
12.6.1 PWM/Timer 1 Configuration Registers.
PWM/Timer 1 Control Register 1 (PWM1_CR1)
Configuration Register 12 (0Ch) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7: T1MOD PWM/Timer 1 Mode
0: Timer Mode
1: PWM Mode
Bit 6: T1IES Interrupt on Stop signal Enable
0: interrupt disabled
1: interrupt enabled
Bit 5: T1IEF Interrupt on T1OUT falling Enable
0: interrupt disabled
1: interrupt enabled
Bit 4: T1IER Interrupt on T1OUT rising Enable
0: interrupt disabled
1: interrupt enabled
Bit 3: not used
Bit 2: T1STRT PWM/Timer 1 Start bit
0: Timer 0 stopped
1: Timer 0 started
Bit 1: not used
Bit 0: T1RES PWM/Timer 1 Reset bit
0: PWM/Timer 0 reset
1: PWM/Timer 0 set
70
T0REL15 T0REL14 T0REL13 T0REL12 T0REL11 T0REL10 T0REL9 T0REL8
70
T0REL7 T0REL6 T0REL5 T0REL4 T0REL3 T0REL2 T0REL1 T0REL0
70
T1MOD
T1IES
T1IEF
T1IER
-
T1STRT
-
T1RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com