Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 55Page - STMicroelectronics ST52F513 Datasheet HTML 56Page - STMicroelectronics ST52F513 Datasheet HTML 57Page - STMicroelectronics ST52F513 Datasheet HTML 58Page - STMicroelectronics ST52F513 Datasheet HTML 59Page - STMicroelectronics ST52F513 Datasheet HTML 60Page - STMicroelectronics ST52F513 Datasheet HTML 61Page - STMicroelectronics ST52F513 Datasheet HTML 62Page - STMicroelectronics ST52F513 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
ST52F510/F513/F514
59/106
Example 1:
IF Input1 IS NOT Mbf1 AND Input4 is Mbf12 OR Input3 IS Mbf8 THEN Crisp1
is codified by the following instructions:
Example 2, the priority of the operator is fixed by the brackets:
IF (Input3 IS Mbf1 AND Input4 IS NOT Mbf15) OR (Input1 IS Mbf6 OR Input6 IS NOT Mbf14) THEN Crisp2
At the end of the fuzzy rules related to the current Fuzzy Variable, by using the instruction OUT
reg, the
specified register is written with the computed value. Afterwards, the control of the algorithm returns to the
CU. The next Fuzzy Variable evaluation must start again with a FUZZY instruction.
ISNOT 1 1 calculates the NOT α value of Input1 with Mbf1 and stores the result in internal registers
FZAND
implements the operation AND between the previous and the next alpha value evaluated
IS 4 12
fixes the
α value of Input
4 with Mbf12 and stores the result in internal registers
FZOR
implements the operation OR between the previous and the next alpha value evaluated
IS 3 8
fixes the
α value of Input
3 with Mbf8 and stores the result in internal registers
CON
crisp1 multiplies the result of the last Ω operation with the crisp value crisp1
(
parenthesis open to change the priority
IS 3 1
fixes the
α value of Input
3 with Mbf1 and stores the result in internal registers
FZAND
implements the operation AND between the previous and the next alpha value evaluated
ISNOT 4 15 calculates the NOT α value of Input4 with Mbf15 and stores the result in internal registers
)
parenthesis closed
FZOR
implements the operation OR between the previous and the next alpha value evaluated
(
parenthesis open to change the priority
IS 1 6
fixes the
α value of Input
1 with Mbf6 and stores the result in internal registers
FZOR
implements the operation OR between the previous and the next alpha value evaluated
ISNOT 2 14 calculates the NOT α value of Input6 with Mbf14 and stores the result in internal registers
)
parenthesis closed
CON
crisp2 multiplies the result of the last Ω operation with the crisp value crisp2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com