Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 23Page - STMicroelectronics ST52F513 Datasheet HTML 24Page - STMicroelectronics ST52F513 Datasheet HTML 25Page - STMicroelectronics ST52F513 Datasheet HTML 26Page - STMicroelectronics ST52F513 Datasheet HTML 27Page - STMicroelectronics ST52F513 Datasheet HTML 28Page - STMicroelectronics ST52F513 Datasheet HTML 29Page - STMicroelectronics ST52F513 Datasheet HTML 30Page - STMicroelectronics ST52F513 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
ST52F510/F513/F514
27/106
CHAN0_H
10-bit A/D Converter Channel 0 data Input Register (MSB)
41
029h
CHAN0_L
10-bit A/D Converter Channel 0 data Input Register (LSB)
42
02Ah
CHAN1_H
10-bit A/D Converter Channel 1 data Input Register (MSB)
43
02Bh
CHAN1_L
10-bit A/D Converter Channel 1 data Input Register (LSB)
44
02Ch
CHAN2_H
10-bit A/D Converter Channel 2 data Input Register (MSB)
45
02Dh
CHAN2_L
10-bit A/D Converter Channel 2 data Input Register (LSB)
46
02Eh
CHAN3_H
10-bit A/D Converter Channel 3 data Input Register (MSB)
47
02Fh
CHAN3_L
10-bit A/D Converter Channel 3 data Input Register (LSB)
48
030h
CHAN4_H
10-bit A/D Converter Channel 4 data Input Register (MSB)
49
031h
CHAN4_L
10-bit A/D Converter Channel 4 data Input Register (LSB)
50
032h
CHAN5_H
10-bit A/D Converter Channel 5 data Input Register (MSB)
51
033h
CHAN5_L
10-bit A/D Converter Channel 5 data Input Register (LSB)
52
034h
CHAN6_H
10-bit A/D Converter Channel 6 data Input Register (MSB)
53
035h
CHAN6_L
10-bit A/D Converter Channel 6 data Input Register (LSB)
54
036h
CHAN7_H
10-bit A/D Converter Channel 7 data Input Register (MSB)
55
037h
CHAN7_L
10-bit A/D Converter Channel 7 data Input Register (LSB)
56
038h
Table 3.1 Input Registers
Mnemonic
Description
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com