Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 38Page - STMicroelectronics ST52F513 Datasheet HTML 39Page - STMicroelectronics ST52F513 Datasheet HTML 40Page - STMicroelectronics ST52F513 Datasheet HTML 41Page - STMicroelectronics ST52F513 Datasheet HTML 42Page - STMicroelectronics ST52F513 Datasheet HTML 43Page - STMicroelectronics ST52F513 Datasheet HTML 44Page - STMicroelectronics ST52F513 Datasheet HTML 45Page - STMicroelectronics ST52F513 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 106 page
background image
ST52F510/F513/F514
42/106
5.6 Register Description
Interrupt Mask Register (INT_MASK)
Configuration Register 0 (00h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7: MSKPB Interrupt Mask Port B
0: Port B interrupt masked
1: Port B interrupt enabled
Bit 6: MSKPA Interrupt Mask Port A
0: Port A interrupt masked
1: Port A interrupt enabled
Bit 5: MSKI2C Interrupt Mask I2C Interface
0: I2C Interface interrupt masked
1: I2C Interface interrupt enabled
Bit 4: MSKSPI Interrupt Mask SPI
0: SPI interrupt masked
1: SPI interrupt enabled
Bit 3: MSKSCI Interrupt Mask SCI
0: SCI interrupt masked
1: SCI interrupt enabled
Bit 2: MSKT1 Interrupt Mask PWM/Timer 1
0: Pwm/Timer 1 interrupt masked
1: Pwm/Timer 1 interrupt enabled
Bit 1: MSKT0 Interrupt Mask Pwm/Timer 0
0: Pwm/Timer 0 interrupt masked
1: Pwm/Timer 0 interrupt enabled
Bit 0: MSKAD Interrupt Mask A/D Converter
0: A/D interrupt masked
1: A/D interrupt enabled
Interrupt Polarity Register (INT_POL)
Configuration Register 1 (01h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-5: Not Used
Bit 4-3: See Timer 0 Registers Description
Bit 2: POLPB Port B Interrupt Polarity
0: The Port B interrupt is triggered on the
rising edge of the applied external signal.
1: The Port B interrupt is triggered on the
falling edge of the applied external signal.
Bit 1: POLPA Port A Interrupt Polarity
0: The Port A interrupt is triggered on the
rising edge of the applied external signal.
1: The Port A interrupt is triggered on the
falling edge of the applied external signal.
Bit 0: POLNMI Non Maskable Interrupt Polarity
0: The NMI is triggered on the rising edge of
the applied external signal.
1: The NMI is triggered on the falling edge of
the applied external signal.
High Priority Register (INT_PRL_H)
Configuration Register 2 (02h) Read/Write
Reset Value: 1111 1010 (0FAh)
Medium Priority Register (INT_PRL_M)
Configuration Register 3 (03h) Read/Write
Reset Value: 1100 0110 (0C6h)
70
MSKPB
MSKPA MSKI2C MSKSPI MSKSCI MSKT1
MSKT0
MSKAD
70
-
-
-
RESPOL STRPOL POLPB
POLPA POLNMI
70
PRL23
PRL22
PRL21
PRL20
PRL19
PRL18
PRL17
PRL16
70
PRL15
PRL14
PRL13
PRL12
PRL11
PRL10
PRL9
PRL8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com