Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 67Page - STMicroelectronics ST52F513 Datasheet HTML 68Page - STMicroelectronics ST52F513 Datasheet HTML 69Page - STMicroelectronics ST52F513 Datasheet HTML 70Page - STMicroelectronics ST52F513 Datasheet HTML 71Page - STMicroelectronics ST52F513 Datasheet HTML 72Page - STMicroelectronics ST52F513 Datasheet HTML 73Page - STMicroelectronics ST52F513 Datasheet HTML 74Page - STMicroelectronics ST52F513 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
ST52F510/F513/F514
71/106
12 PWM/TIMERS
12.1 Introduction
ST52F510/513/514 offers two on-chip PWM/Timer
peripherals. All ST52F510/513/514 PWM/Timers
have the same internal structure. The timer
consists
of
a
16-bit
counter
with
a
16-bit
programmable Prescaler, giving a maximum count
of 232 (see Figure 12.1).
Each timer has two different working modes, which
can be selected by setting the correspondent bit
TxMOD
of
the
PWMx_CR1
Configuration
Register: Timer Mode and PWM (Pulse Width
Modulation) Mode.
All the Timers have Autoreload Functions; in PWM
Mode the reload value can be set by the user.
Each timer output is available on the apposite
external pins configured in Alternate Function and
in one of the Output modes.
PWM/Timer 0 can also use external START/STOP
signals in order to perform Input capture and
Output compare, external RESET signal, and
external CLOCK to count external events: TSTRT,
TRES and TCLK pins. In addition, the START/
STOP and RESET signals have configurable
polarity (falling or rising edge).
Remark: To use TRES, TSTRT, TCLK external
signals the related pins must be configured in
Alternate Function and in one of Input modes.
For each timer, the contents of the 16-bit counter
are incremented on the Rising Edge of the 16-bit
prescaler output (PRESCOUT) and it can be read
at any instant of the counting phase by accessing
the Input Registers PWMx_COUNT_IN_x; the
value is stored in two 8-bit registers (MSB and
LSB) for each PWM/Timer.
Figure 12.1 PWM/Timer Counter block diagram
The Input Registers couple PWMx_CAPTURE_x
store the counter value after the last Stop signal
(only Timer Mode). The counter value is not stored
after a Reset Signal.
The peripheral status can also be read from the
Input Registers (one for each Timer). These
registers
report
START/STOP,
SET/RESET
status, TxOUT signal and the counter overflow
flag. This last signal is set after the first EOC and it
is reset by a Timer RESET (internal or external).
12.2 Timer Mode
Timer Mode is selected writing 0 in the TxMOD bit.
Each Timer requires three signals: Timer Clock
(TMRCLKx), Timer Reset (TxRES) and Timer Start
(TxSTRT) (see Figure 12.1). Each of these signals
can be generated internally, and/or externally only
for Timer 0, by using TRES, TSTRT and TCLK
pins.
The Prescaler output (PRESCOUT) increments
the Counter value on the rising edge. PRESCOUT
is obtained from the internal clock signal (CLKM)
or, only for TIMER0, from the external signal
provided on the apposite pin.
Note: The external clock signal applied on the
TCLK pin must have a frequency that is at least two
times smaller than the internal master clock.
The prescaler output period can be selected by
setting the TxPRESC bits with one of the 17
division factors available. TMRCLK frequency is
divided by a factor equal to the power of two of the
prescaler values (up to 216).
TxRES resets the content of the 16-bit counter to
zero. It is generated by writing 0 in the TxRES bit
of the PWMx_CR1 Configuration Register and/or it
can be driven by the TRES pin if configured (only
Timer0).
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 14
BIT 15
BIT 3
BIT 0
BIT 1
BIT 2
BIT 4
BIT 5
17 - 1 MULTIPLEXER
16-BIT PRESCALER
16-BIT COUNTER
PRESCx
TMRCLKx
PRESCOUT
TxRES
TxSTRT
BIT 14
BIT 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com