Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 13Page - STMicroelectronics ST52F513 Datasheet HTML 14Page - STMicroelectronics ST52F513 Datasheet HTML 15Page - STMicroelectronics ST52F513 Datasheet HTML 16Page - STMicroelectronics ST52F513 Datasheet HTML 17Page - STMicroelectronics ST52F513 Datasheet HTML 18Page - STMicroelectronics ST52F513 Datasheet HTML 19Page - STMicroelectronics ST52F513 Datasheet HTML 20Page - STMicroelectronics ST52F513 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
ST52F510/F513/F514
17/106
2 INTERNAL ARCHITECTURE
ST52F510/F513/F514’s architecture is Register
File based and is composed of the following blocks
and peripherals:
s
Control Unit (CU)
s
Data Processing Unit (DPU)
s
Decision Processor (DP)
s
ALU
s
Memory Interface
s
up to 256 bytes Register File
s
Program/Data Memory
s
Data EEPROM
s
Interrupts Controller
s
Clock Oscillator
s
PLVD and POR
s
Digital I/O ports
s
Analog Multiplexer and A/D Converter
s
Timer/PWMs
s
I2C
s
SPI
s
SCI
Figure 2.1 CU Block Diagram
2.1 Control Unit and Data Processing Unit
The Control Unit (CU) decodes the instructions
stored in the Program Memory and generates the
appropriate control signals. The main parts of the
CU are illustrated in Figure 2.1.
The five different parts of the CU manage Loading,
Logic/Arithmetic, Jump, Control and the Fuzzy
instruction set.
The block called “Collector” manages the signals
deriving from the different parts of the CU. The
collector
defines
the
signals
for
the
Data
Processing Unit (DPU) and Decision Processor
(DP), as well as for the different peripherals of the
ICU.
The block called “Arbiter” manages the different
parts of the CU, so that only one part of the system
is activated during working mode.
The CU structure is extremely flexible and was
designed with the purpose of easily adapting the
core of the microcontroller to market needs. New
instruction sets or new peripherals can easily be
included without changing the structure of the
microcontroller, maintaining code compatibility.
A set of 107 different instructions is available. Each
instruction requires a number of clock pulses to be
performed that depends on the complexity of the
instruction itself. The clock pulses to execute the
instructions are driven directly by the masterclock,
which has the same frequency of the oscillator
signal supplied.
Loading
Instruction Set
Logic Arithmetic
Instruction Set
Jump
Instruction Set
Control
Instruction Set
Decision Processor
Instruction Set
C
O
L
L
E
C
T
O
R
Control
Signals
A
R
B
I
T
E
R
MicroCode
Clock Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com