Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 21Page - STMicroelectronics ST52F513 Datasheet HTML 22Page - STMicroelectronics ST52F513 Datasheet HTML 23Page - STMicroelectronics ST52F513 Datasheet HTML 24Page - STMicroelectronics ST52F513 Datasheet HTML 25Page - STMicroelectronics ST52F513 Datasheet HTML 26Page - STMicroelectronics ST52F513 Datasheet HTML 27Page - STMicroelectronics ST52F513 Datasheet HTML 28Page - STMicroelectronics ST52F513 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
ST52F510/F513/F514
25/106
3.7 Configuration Registers & Option Bytes
The
ST52F510/F513/F514
Configuration
Registers bench consists of a file of 8-bit registers
that allows the configuration of all the ICU blocks.
The registers are located inside the block they
configure in order to obtain greater flexibility and
modularity in the design of new family devices. In
the Configuration Registers, each bit has a
peculiar use, so the logic level of each of them
must be considered.
Some special configuration data, that needs to be
load at the start-up and not further changed, are
stored in Option Bytes. These are loaded only
during the device programming phase. See Table
3.3 and Section 4 for a detailed description of the
Option Bytes.
The Configuration Registers are readable and
writable; the addresses refer to the same register
both in read and in write. In order to access the
Configuration Register the user can work in
several
modes
by
utilizing
the
following
instructions:
s
LDCI:
loads
the
immediate
value
in
the
Configuration Register specified and is the most
commonly used to write configuration data.
s
LDCR:
loads
the
Configuration
Register
specified with the contents of the specified
Register File location, allowing a parametric
configuration.
s
LDCE:
loads
the
Configuration
Register
specified with the contents of the specified
Program/Data Memory location, allowing the
configuration data to be taken from a table.
s
LDCNF: loads the
Register File location
specified with the contents of the Configuration
Register indicated, allowing for the inspection of
the configuration of the device (permitting safe
run-time modifications).
In order to simplify the concept, a mnemonic name
is assigned to each register. The same name is
used in Visual FIVE development tools. The list of
the Configuration Registers is shown in Table 3.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com