Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 35Page - STMicroelectronics ST52F513 Datasheet HTML 36Page - STMicroelectronics ST52F513 Datasheet HTML 37Page - STMicroelectronics ST52F513 Datasheet HTML 38Page - STMicroelectronics ST52F513 Datasheet HTML 39Page - STMicroelectronics ST52F513 Datasheet HTML 40Page - STMicroelectronics ST52F513 Datasheet HTML 41Page - STMicroelectronics ST52F513 Datasheet HTML 42Page - STMicroelectronics ST52F513 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
ST52F510/F513/F514
39/106
4.8.4 Option Bytes.
First Protected Page (PG_LOCK)
Option Byte 5 (05h)
Reset Value: 0000 0000 (00h)
Bit 7-0: LCK7-0 First Page write protected
In this register the address of first page to be
protected in writing is specified. The pages
following this one are protected up to the page
specified by the PG_UNLOCK Option Byte (not
included among the protected ones).
First Page not Protected (PG_UNLOCK)
Option Byte 6 (06h)
Reset Value: 0000 0000 (00h)
Bit 7-0: UNLCK7-0 First Page not write protected
In this register the address of first page not write
protected after the protected ones is specified. The
pages following this one aren’t protected.
4.8.5 Input Register.
IAP Status Register (IAP_SR)
Input Register 40 (028h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-2: Not Used
Bit 1: PRTCD Page Protected
0: The writing has been completed
1: The writing has been aborted because the
page is protected.
Bit 0: ABRT Writing operation aborted
0: The writing has been completed
1: The writing has been aborted because an
interrupt or another unspecified cause
occurred.
The ABRT and PRTCD bits are reset after the next
successful data writing in the Flash of EEPROM
memory.
70
LCK7
LCK6
LCK5
LCK4
LCK3
LCK2
LCK1
LCK0
70
UNLCK7 UNLCK6 UNLCK5 UNLCK4 UNLCK3 UNLCK2 UNLCK1 UNLCK0
70
-
---
--
PRTCD
ABRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com