Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 17Page - STMicroelectronics ST52F513 Datasheet HTML 18Page - STMicroelectronics ST52F513 Datasheet HTML 19Page - STMicroelectronics ST52F513 Datasheet HTML 20Page - STMicroelectronics ST52F513 Datasheet HTML 21Page - STMicroelectronics ST52F513 Datasheet HTML 22Page - STMicroelectronics ST52F513 Datasheet HTML 23Page - STMicroelectronics ST52F513 Datasheet HTML 24Page - STMicroelectronics ST52F513 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
ST52F510/F513/F514
21/106
3 ADDRESSING SPACES
ST52F510/F513/F514
has
six
separate
addressing spaces:
s
Register File
s
Program/Data Memory
s
Stacks
s
Input Registers
s
Output Registers
s
Configuration Registers
Each space is addressed by a load type instruction
that indicates the source and the destination space
in the mnemonic code (see Figure 3.1).
3.1 Memory Interface
The read/write operation in the space addresses
are managed by the Memory Interface, which can
recognize the type of memory addressed and set
the appropriate access time and mode.
In addition, the Memory Interface manages the In
Application Programming (IAP) functions in Flash
devices like writing cycle and memory write
protection.
Figure 3.1 Addressing Spaces
3.2 Register File
The Register File consists of 256 general purpose
8-bit RAM locations called “registers” in order to
recall the functionality.
The Register File exchanges data with all the other
addressing spaces and is used by the ALU to
perform all the arithmetic and logic instructions.
These instructions have any Register File address
as operands.
Data can be moved from one location to another by
using the LDRR instruction; see further ahead for
information on the instruction used to move data
between
the
Register
File
and
the
other
addressing spaces.
3.3 Program/Data Memory
The Program/Data Memory consists of both non-
volatile memory (Flash, EEPROM) and RAM
memory benches.
Non-volatile memory (NVM) is mainly used to store
the user program and can also be used to store
permanent data (constant, look-up tables).
Each RAM bench consists of 256 locations used to
store run-time user data. At least one bench is
present in the devices. RAM benches are also
used to implement both System and User Stacks.
CU
DPU
ALU
PERIPHERAL
BLOCK
REGISTER FILE
INPUT REGISTERS
NON VOLATILE MEMORY
RAM BANKS
AND STACKS
PROGRAM/DATA MEMORY
STFive CORE
ON CHIP PERIPHERALS
OUTPUT
REGISTERS
CONFIGURATION
REGISTERS
PERIPHERAL
BLOCK
PERIPHERAL
BLOCK
LDER
LDRE
LDRI
LDCE
LDCR
DECISION
PROCESSOR
REGISTERS
LDFR
LDPE
LDPR
LDCNF
PROGRAM
COUNTER
PGSETR
GETPG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com