Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST52F513
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST52F513 Datasheet HTML 37Page - STMicroelectronics ST52F513 Datasheet HTML 38Page - STMicroelectronics ST52F513 Datasheet HTML 39Page - STMicroelectronics ST52F513 Datasheet HTML 40Page - STMicroelectronics ST52F513 Datasheet HTML 41Page - STMicroelectronics ST52F513 Datasheet HTML 42Page - STMicroelectronics ST52F513 Datasheet HTML 43Page - STMicroelectronics ST52F513 Datasheet HTML 44Page - STMicroelectronics ST52F513 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
ST52F510/F513/F514
41/106
5.3 Interrupt Sources
ST52F510/F513/F514 manages interrupt signals
generated by the internal peripherals or generated
by software by the TRAP instruction or coming
from the Port pins. There are two kinds of
interrupts coming from the Port pins: the NMI and
the Ports Interrupts.
NMI (Not Maskable Interrupt) is associated with pin
PA7 when it is configured as Alternate Function.
This interrupt source doesn’t have a configurable
level priority and cannot be masked. The fixed
priority level is lower than the software TRAP and
higher than all the other interrupts. The NMI can be
configured to be active on the rising or the falling
edge.
The Port Interrupts sources are connected with
Port A and Port B pins. The pins belonging to the
same Port are associated with the same interrupt
vector: there is one vector for Port A and one for
Port B. In order to use one port pin as interrupt, it
must be configured as an interrupt source (see I/O
Ports chapter). In this manner, up to 16 Port
Interrupt sources are available. By reading the Port
the sources that belong to the same Port can be
discriminated.
The
Port
Interrupts
can
be
configured to be active on the rising or the falling
edge.
Warning: changing the NMI or Port Interrupt
polarity an interrupt request is generated.
All the interrupt sources are filtered, in order to
avoid false interrupt requests caused by glitches.
The Trap instruction is something between a
interrupt and a call: it generated an interrupt
request at top priority level and the control is
passed to the associated interrupt routine which
vector is located in the fixed addresses 30-32. This
routine cannot be interrupted and it is serviced
even if the interrupts are globally disabled.
Note: Similarly to the CALL instruction, after a
TRAP the flags are not stacked.
Figure 5.3 Example of Interrupt Requests
5.4 Interrupt Maskability and Priority Levels
Interrupts can be masked by the corresponding
INT_MASK Configuration Register
0 (00h). An
interrupt is enabled when the mask bit is “1". Vice
versa, when the bit is “0”, the interrupt is masked
and the eventual requests are kept pending.
All the interrupts, with the exception of the NMI and
TRAP that have fixed level priority, have a
configurable priority level. The configuration of the
priority levels is completed by writing three
consecutive Configuration Registers: INT_PRL_H,
INT_PRL_M, INT_PRL_L, addresses from 2 to 4
(02h-04h). The 24 bits of these registers are
divided into 8 groups of three bits: each group is
associated with a priority level. The three bits of
each group are written with the code number
associated with the interrupt source. See Table 5.1
to know the codes.
Remark:
The
priority
levels
Configuration
Registers must be programmed with different
values for each 3-bit groups to avoid erroneous
operation. For this reason the Interrupt priority
must be fixed at the beginning of the main
program, because
the
reset
values of
the
Configuration
Registers
correspond
to
an
undefined
configuration
(all
zeros).
During
program execution the interrupt priority can only be
modified within the Main Program: it cannot be
changed within an interrupt service routine.
5.5 Interrupt RESET
When an interrupt is masked, all requests are not
acknowledged and remain pending. When the
pending interrupt is enabled it is immediately
serviced. This event may be undesired; in order to
avoid this
a RINT instruction may be inserted
followed by the code number that identifies the
interrupt to reset the pending request. See Table
5.1 to know the codes.
MAIN PROGRAM
5
4
3
2
1
0
INT2
INT0
INT2
INT1
INT2
INT3
INT4
MAIN PROGRAM
PRIORITY
LEVEL
INT2
INT0
INT4
INT1
INT3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com