Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 68 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 64Page - STMicroelectronics PSD401A2 Datasheet HTML 65Page - STMicroelectronics PSD401A2 Datasheet HTML 66Page - STMicroelectronics PSD401A2 Datasheet HTML 67Page - STMicroelectronics PSD401A2 Datasheet HTML 68Page - STMicroelectronics PSD401A2 Datasheet HTML 69Page - STMicroelectronics PSD401A2 Datasheet HTML 70Page - STMicroelectronics PSD401A2 Datasheet HTML 71Page - STMicroelectronics PSD401A2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
PSD4XX Family
65
PSD4XX Family
The PSD4XX
Architecture
(cont.)
Figure 34. Port A In Peripheral I/O Mode
RD
PSEL0
PSEL1
D0 – D7
WR
PA0 – PA7
9.4.5 Peripheral I/O
The Peripheral I/O Mode is one of the operating modes of Port A. In this mode, Port A
is connected to the data bus of peripheral devices. Port A is enabled only when
the microcontroller is accessing the devices, otherwise the Port is tri-stated. This feature
enables the microcontroller to access external devices without requiring buffers and
decoders. Figure 34 shows the structure of Port A in the Peripheral I/O Mode.
The memory address space occupied by the devices are defined by two signals: PSEL0
and PSEL1. The signals are direct outputs from the Decoding PLD (DPLD). Whenever any
of the signals is active, the Port A driver is enabled, and the direction of the data flow is
determined by the RD/WR signals.
The Peripheral I/O Mode and the peripheral select signals are configured and defined in the
PSDsoft Software (see the section on I/O Port for configuration). The PIO bit in the VM
Register (see Table 17) also needs to be set to “1” by the user to initialize the Peripheral I/O
Mode.
The Peripheral I/O mode can be used, for example, in DMA applications where the
microcontroller does not support DMA operations, such as tri-stating the address/data bus.
Figure 35 shows a block diagram of a microcontroller and PSD4XX based design that
makes use of this mode. In this application, the microcontroller has a multiplexed bus which
is connected to the ADIO port. The C and D ports connect to the peripheral address bus
and are both configured in Address Out Mode. Port A is configured in the Peripheral I/O
mode and is connected to the peripheral data bus. Ports B and E are used to generate
control signals.
During normal activity, the microcontroller has access to any peripheral (memory or I/O
device) through the PSD4XX device. When there is a DMA request, the
microcontroller tri-states the address bus on Ports C and D by writing a “0” to the port
Direction Registers. The DMA controller then takes over the data and address buses after
receiving acknowledgement from the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com