Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 76Page - STMicroelectronics PSD401A2 Datasheet HTML 77Page - STMicroelectronics PSD401A2 Datasheet HTML 78Page - STMicroelectronics PSD401A2 Datasheet HTML 79Page - STMicroelectronics PSD401A2 Datasheet HTML 80Page - STMicroelectronics PSD401A2 Datasheet HTML 81Page - STMicroelectronics PSD401A2 Datasheet HTML 82Page - STMicroelectronics PSD401A2 Datasheet HTML 83Page - STMicroelectronics PSD401A2 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 123 page
background image
PSD4XX Family
77
PSD4XX Family
Symbol
Parameter
Condition
Min
Max
Unit
TSTG
Storage Temperature
CLDCC
– 65
+ 150
°C
PLDCC
– 65
+ 125
°C
Commercial
0
+ 70
°C
Operating Temperature
Industrial
– 40
+ 85
°C
Voltage on any Pin
With Respect to GND
– 0.6
+ 7
V
V
PP
Programming
Supply Voltage
With Respect to GND
– 0.6
+ 14
V
VCC
Supply Voltage
With Respect to GND
– 0.6
+ 7
V
ESD Protection
>2000
V
13.0
Specifications
NOTE: Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods of time may affect device reliability.
Type
Temperature
VCC
VCC Tolerance
Speed Grades Available
-70 -90 -15 -20 -25
Commercial
0° C to +70°C
+ 5 V
± 10%
X
X
+ 3 V
± 10%
X
X
Industrial
–40° C to +85°C
+ 5 V
± 10%
X
+ 3 V
± 10%
X
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5.0
5.5
V
VCC
Supply Voltage
ZPSD4XXV Versions
2.7
3.0
5.5
V
Only, All Speeds
13.2 Operating Range
13.3 Recommended Operating Conditions
13.1 Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com