Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 95 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 91Page - STMicroelectronics PSD401A2 Datasheet HTML 92Page - STMicroelectronics PSD401A2 Datasheet HTML 93Page - STMicroelectronics PSD401A2 Datasheet HTML 94Page - STMicroelectronics PSD401A2 Datasheet HTML 95Page - STMicroelectronics PSD401A2 Datasheet HTML 96Page - STMicroelectronics PSD401A2 Datasheet HTML 97Page - STMicroelectronics PSD401A2 Datasheet HTML 98Page - STMicroelectronics PSD401A2 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 123 page
background image
PSD4XX Family
92
-20
-25
EPROM_CMiser
Symbol
Parameter
Conditions
Min Max Min Max
ON
Unit
tLVLX
ALE or AS Pulse Width
30
30
ns
tAVLX
Address Setup Time
(Note 1)
12
15
ns
tLXAX
Address Hold Time
(Note 1)
12
17
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1 and 3)
35
50
ns
t SLWL
CS Valid to Leading Edge of WR
(Note 3)
40
60
ns
t DVWH
WR Data Setup Time
(Note 3)
25
35
ns
t WHDX
WR Data Hold Time
(Note 3)
5
10
ns
t WLWH
WR Pulse Width
(Note 3)
30
30
ns
tWHAX
Trailing Edge of WR to Address
Invalid
(Note 3)
0
0
ns
tWHPV
Trailing Edge of WR to Port
Output Valid
(Note 3)
50
60
ns
In 16-Bit Data Bus
40
60
ns
Address Input Valid to
Mode (Note 2)
tAVPV
Address Output Delay
In 8-Bit Data Bus
50
60
ns
Mode (Note 2)
Write Timing (3.0 V ± 10%)
Microcontroller Interface – AC/DC Parameters (ZPSD4XXV Versions)
(3.0 V ± 10%)
NOTES: 1. Any input used to select an internal PSD4XX function.
2. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
3. WR timing has the same timing as E, DS, LDS, UDS, WRL, WRH signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com