Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 94 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 90Page - STMicroelectronics PSD401A2 Datasheet HTML 91Page - STMicroelectronics PSD401A2 Datasheet HTML 92Page - STMicroelectronics PSD401A2 Datasheet HTML 93Page - STMicroelectronics PSD401A2 Datasheet HTML 94Page - STMicroelectronics PSD401A2 Datasheet HTML 95Page - STMicroelectronics PSD401A2 Datasheet HTML 96Page - STMicroelectronics PSD401A2 Datasheet HTML 97Page - STMicroelectronics PSD401A2 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 123 page
background image
PSD4XX Family
91
-20
-25
EPROM_CMiser
Symbol
Parameter
Conditions
Min Max Min Max
ON
Unit
tLVLX
ALE or AS Pulse Width
30
30
0
ns
tAVLX
Address Setup Time
(Note 3)
12
15
0
ns
tLXAX
Address Hold Time
(Note 3)
12
17
0
ns
tAVQV
Address Valid to Data Valid
(Note 3)
200
250
Add 20
ns
t SLQV
CS Valid to Data Valid
200
275
Add 20
ns
RD to Data Valid 8/16-Bit Bus
(Note 1)
50
80
0
ns
t RLQV
RD to Data Valid 8-Bit Bus,
8031 Separate Mode
(Note 2)
57
90
0
ns
t RHQX
RD Data Hold Time
(Note 1)
0
0
0
ns
tRLRH
RD Pulse Width
(Note 1)
40
70
0
ns
tRHQZ
RD to Data High-Z
(Note 1)
45
45
0
ns
tEHEL
E Pulse Width
40
70
0
ns
tTHEH
R/W Setup Time to Enable
20
15
0
ns
tELTL
R/W Hold Time After Enable
0
0
0
ns
In 16-Bit Data Bus
Address Input Valid to
Mode (Note 4)
40
60
0
ns
tAVPV
Address Output Delay
In 8-Bit Data Bus
50
60
0
ns
Mode (Note 4)
Read Timing (3.0 V ± 10%)
Explanation of AC Symbols for Non ZPLD Timing.
Example:
t AVLX Time from Address Valid to ALE Invalid.
A – Address
L – Logic Level Low or ALE
T – R/W
C – Power Down
N – Reset
t – Time
D– Input Data
P – Port Signal
V – Valid
E –E
Q – Output Data
X – No Longer a Valid Logic Level
H – Logic Level High
R – WR, UDS, LDS, DS, IORD, PSEN
Z – Float
I – Interrupt
S – Chip Select
13.11 Microcontroller Interface – AC/DC Parameters (ZPSD4XXV Versions)
(3.0 V ± 10%)
NOTES: 1. RD timing has the same timing as PSEN, DS, LDS, UDS signals.
2. RD and PSEN have the same timing for 8031 mode.
3. Any input used to select an internal PSD4XX function.
4. In multiplexed mode latched address generated from ADIO delay to address output on any Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com