Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 77 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 73Page - STMicroelectronics PSD401A2 Datasheet HTML 74Page - STMicroelectronics PSD401A2 Datasheet HTML 75Page - STMicroelectronics PSD401A2 Datasheet HTML 76Page - STMicroelectronics PSD401A2 Datasheet HTML 77Page - STMicroelectronics PSD401A2 Datasheet HTML 78Page - STMicroelectronics PSD401A2 Datasheet HTML 79Page - STMicroelectronics PSD401A2 Datasheet HTML 80Page - STMicroelectronics PSD401A2 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 123 page
background image
PSD4XX Family
74
The following table is the address map offset of the I/O port registers.
Table 22a. Register Address Offset
(For 16-bit Motorola Microcontrollers in 16-bit mode. Use Table 22 if 8-bit mode is selected.)
Address Offset
Register Name
Port A
Port B
Port C
Port D
Port E
Data In
00
01
10
11
20
Control
02
03
12
13
22
Data Out
04
05
14
15
24
Direction
06
07
16
17
26
Open Drain
18
19
PLD – I/O
0A
0B
2A
2C
Macrocell Out
0C
0D
(PSD4XXA2/
ZPSD4XXA2)
Table 22. I/O Register Address Offset
Address Offset
Register Name
Port A
Port B
Port C
Port D
Port E
Data In
01
00
11
10
21
Control
03
02
13
12
23
Data Out
05
04
15
14
25
Direction
07
06
17
16
27
Open Drain
19
18
PLD – I/O
0B
0A
2B
2D
Macrocell Out
0D
0C
(PSD4XXA2/
ZPSD4XXA2)
12.0
System
Configuration
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com