Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 88 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 84Page - STMicroelectronics PSD401A2 Datasheet HTML 85Page - STMicroelectronics PSD401A2 Datasheet HTML 86Page - STMicroelectronics PSD401A2 Datasheet HTML 87Page - STMicroelectronics PSD401A2 Datasheet HTML 88Page - STMicroelectronics PSD401A2 Datasheet HTML 89Page - STMicroelectronics PSD401A2 Datasheet HTML 90Page - STMicroelectronics PSD401A2 Datasheet HTML 91Page - STMicroelectronics PSD401A2 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 123 page
background image
PSD4XX Family
85
-70
-90*
-15
EPROM_CMiser
Symbol
Parameter
Conditions
Min Max Min Max Min Max
ON
Unit
tLVLX
ALE or AS Pulse Width
18
20
28
ns
tAVLX
Address Setup Time
(Note 1)
5
6
10
ns
tLXAX
Address Hold Time
(Note 1)
7
8
11
ns
tAVWL
Address Valid to
Leading Edge of WR
(Notes 1 and 3)
18
20
30
ns
t SLWL
CS Valid to Leading
Edge of WR
(Note 3)
22
25
35
ns
t DVWH
WR Data Setup Time
(Note 3)
12
15
22
ns
t WHDX
WR Data Hold Time
(Note 3)
5
5
5
ns
t WLWH
WR Pulse Width
(Note 3)
18
20
28
ns
tWHAX
Trailing Edge of WR to
Address Invalid
(Note 3)
0
0
0
ns
tWHPV
Trailing Edge of WR to
Port Output Valid
(Note 3)
25
30
38
ns
In 16-Bit Data Bus
20
30
38
ns
Address Input Valid to
Mode (Note 2)
tAVPV
Address Output Delay
In 8-Bit Data Bus
22
32
48
ns
Mode (Note 2)
Write Timing (5 V ± 10%)
Microcontroller Interface – AC/DC Parameters (5 V ± 10% Versions)
NOTES: 1. Any input used to select an internal PSD4XX function.
2. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
3. WR timing has the same timing as E, DS, LDS, UDS, WRL, WRH signals.
*The -90 speed is available only on Industrial Temperature Range product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com