Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 3Page - STMicroelectronics PSD401A2 Datasheet HTML 4Page - STMicroelectronics PSD401A2 Datasheet HTML 5Page - STMicroelectronics PSD401A2 Datasheet HTML 6Page - STMicroelectronics PSD401A2 Datasheet HTML 7Page - STMicroelectronics PSD401A2 Datasheet HTML 8Page - STMicroelectronics PSD401A2 Datasheet HTML 9Page - STMicroelectronics PSD401A2 Datasheet HTML 10Page - STMicroelectronics PSD401A2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
PROG.
BUS
INTRF
ADIO
PORT
PROG.
PORT
PROG.
PORT
PORT
C
PROG.
PORT
PORT
D
CONTROL
RD, WR
AD0 – AD15
PC0 – PC7
PD0 – PD7
CLKIN
CLKIN
PAGE
REG.
ZPLD
INPUT
BUS
GLOBAL
CONFIG.
&
SECURITY
PORT
A
POWER
MANAGER
UNIT
VSTDBY
PA0 – PA7
PROG.
PORT
PORT
B
PB0 – PB7
PROG.
PORT
PORT
E
PE0 – PE7
ADDRESS/DATA/CONTROL BUS
PORT A MACROCELLS
PORT B MACROCELLS
PORT E MACROCELLS
(NOTE 2)
27PT
(NOTE 1)
(NOTE 1)
80PT
11PT
CLKIN
256K – 1M BIT
EPROM
16 K BITS
SRAM
I/O
DECODER
EPROM
SELECTS
SRAM
SELECT
PERIPHERAL
SELECTS
MACROCELL FEEDBACK OR PORT INPUT
CSIOP
GENERAL PLD
(GPLD)
24 MACROCELLS
DECODE PLD
(DPLD)
NOTES: 1. ZPLD INPUT BUS
– A1 = 36 + CLOCK = 37 INPUTS
– A2 = 58 + CLOCK = 59 INPUTS
2. PORT E MACROCELLS AVAILABLE ON A2 VERSIONS ONLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com