Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 83 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 79Page - STMicroelectronics PSD401A2 Datasheet HTML 80Page - STMicroelectronics PSD401A2 Datasheet HTML 81Page - STMicroelectronics PSD401A2 Datasheet HTML 82Page - STMicroelectronics PSD401A2 Datasheet HTML 83Page - STMicroelectronics PSD401A2 Datasheet HTML 84Page - STMicroelectronics PSD401A2 Datasheet HTML 85Page - STMicroelectronics PSD401A2 Datasheet HTML 86Page - STMicroelectronics PSD401A2 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 123 page
background image
PSD4XX Family
80
Conditions
Composite PLD input frequency (Freq PLD)
= 8 MHz
MCU ALE frequency (Freq ALE)
= 4 MHz
% EPROM Access
= 80%
% SRAM access
= 15%
% I/O access
= 5% (no additional power above base)
Operational Modes
% Normal
= 10%
% Sleep
= 90%
Number of product terms used (from fitter report) = 29 PT
% of total product terms
= 29/118 = 24.6%
Turbo = off
CMiser = on
8-bit bus mode
Calculation (typical numbers used)
ICC total = Isleep x %sleep + %normal x (ICC (ac) + ICC (dc))
= Isleep x %sleep + %normal x (%EPROM x 0.8 mA/MHz x Freq ALE
+ %SRAM x 1.4 mA/MHz x Freq ALE
+ %PLD x 2.5 mA/MHz x Freq PLD + #PT x 400 µA/PT)
= 10 µA x 0.90 + 0.1 x (0.8 x 0.8 mA/MHz x 4 MHz
+ 0.15 x 1.4 mA/MHz x 4 MHz + 0.95 x 2.5 x 8 + 29 x 0.4 mA/PT)
= 0.9 µA + 0.1 x (2.56 + 0.84 + 19 + 11.6 mA)
= 0.9 µA + 0.1 x 34
= 0.9 µA + 3.4 mA
= 3.4 mA
Notes: Standby current consumption is handled similarly to Sleep Mode shown above.
Calculation assumes IOUT = 0 mA.
13.5 Example of ZPSD4XX Typical Power Calculation at VCC = 5.0 V
Specifications
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com