Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 82 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 78Page - STMicroelectronics PSD401A2 Datasheet HTML 79Page - STMicroelectronics PSD401A2 Datasheet HTML 80Page - STMicroelectronics PSD401A2 Datasheet HTML 81Page - STMicroelectronics PSD401A2 Datasheet HTML 82Page - STMicroelectronics PSD401A2 Datasheet HTML 83Page - STMicroelectronics PSD401A2 Datasheet HTML 84Page - STMicroelectronics PSD401A2 Datasheet HTML 85Page - STMicroelectronics PSD401A2 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 123 page
background image
PSD4XX Family
79
Figure 38b.
Typical ICC/Frequency Consumption (PSD4XXA2 and ZPSD4XXA2
Versions)
0
20
60
80
100
120
40
010
15
5
20
25
PT100%
PT25%
COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
TURBO
ON
TURBO
OFF
TURBO
OFF
Figure 38c.
Typical ICC/Frequency Consumption (PSD4XXA1V and ZPSD4XXA2V
Versions)
0
10
20
30
40
50
010
15
5
20
25
PT100%
PT25%
COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
TURBO
ON
TURBO
OFF
TURBO
OFF
Specifications
(cont.)
VCC = 5 V
VCC = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com