Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 83Page - STMicroelectronics PSD401A2 Datasheet HTML 84Page - STMicroelectronics PSD401A2 Datasheet HTML 85Page - STMicroelectronics PSD401A2 Datasheet HTML 86Page - STMicroelectronics PSD401A2 Datasheet HTML 87Page - STMicroelectronics PSD401A2 Datasheet HTML 88Page - STMicroelectronics PSD401A2 Datasheet HTML 89Page - STMicroelectronics PSD401A2 Datasheet HTML 90Page - STMicroelectronics PSD401A2 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 123 page
background image
PSD4XX Family
84
Explanation of AC Symbols for Non ZPLD Timing.
Example:
t AVLX Time from Address Valid to ALE Invalid.
A – Address
L – Logic Level Low or ALE
T – R/W
C – Power Down
N – Reset
t – Time
D– Input Data
P – Port Signal
V – Valid
E –E
Q – Output Data
X – No Longer a Valid Logic Level
H – Logic Level High
R – WR, UDS, LDS, DS, IORD, PSEN
Z – Float
I – Interrupt
S – Chip Select
-70
-90*
-15
EPROM_CMiser
Symbol
Parameter
Conditions
Min Max Min Max Min Max
ON
Unit
tLVLX
ALE or AS Pulse Width
18
20
28
0
ns
tAVLX
Address Setup Time
(Note 3)
5
6
10
0
ns
tLXAX
Address Hold Time
(Note 3)
7
8
11
0
ns
tAVQV
Address Valid to Data
Valid
(Note 3)
70
90
150
Add 10
ns
t SLQV
CS Valid to Data Valid
80
100
150
Add 10
ns
RD to Data Valid
8/16-Bit Bus
(Note 1)
20
32
40
0
ns
t RLQV
RD to Data Valid 8-Bit
Bus, 8031 Separate
(Note 2)
32
38
45
0
ns
Mode
t RHQX
RD Data Hold Time
(Note 1)
0
0
0
0
ns
tRLRH
RD Pulse Width
(Note 1)
30
32
38
0
ns
tRHQZ
RD to Data High-Z
(Note 1)
22
25
33
0
ns
tEHEL
E Pulse Width
30
32
38
0
ns
tTHEH
R/W Setup Time
to Enable
810
18
0
ns
tELTL
R/W Hold Time After
Enable
00
0
0
ns
In 16-Bit Data Bus
20
30
38
0
ns
tAVPV
Address Input Valid to
Mode (Note 9)
Address Output Delay
In 8-Bit Data Bus
22
32
48
0
ns
Mode (Note 9)
Read Timing (5 V ± 10% Versions)
NOTES: 1. RD timing has the same timing as PSEN, DS, LDS, UDS signals.
2. RD and PSEN have the same timing for 8031 mode.
3. Any input used to select an internal PSD4XX function.
4. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
*The -90 speed is available only on Industrial Temperature Range product.
13.8 Microcontroller Interface – AC/DC Parameters (5 V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com