Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD401A2 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PSD401A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 36Page - STMicroelectronics PSD401A2 Datasheet HTML 37Page - STMicroelectronics PSD401A2 Datasheet HTML 38Page - STMicroelectronics PSD401A2 Datasheet HTML 39Page - STMicroelectronics PSD401A2 Datasheet HTML 40Page - STMicroelectronics PSD401A2 Datasheet HTML 41Page - STMicroelectronics PSD401A2 Datasheet HTML 42Page - STMicroelectronics PSD401A2 Datasheet HTML 43Page - STMicroelectronics PSD401A2 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 123 page
background image
Multiplexed
Data Bus
Bus Control
Microcontroller
Width
Signals
Mux
8
WR, RD, PSEN, A0
8031/80C51
Mux/
Non-mux
8/16
R/W, E, BHE, A0
68HC11
Mux
8/16
WR, RD, BHE, A0
80C196/80C186
Mux
16
WRL, RD, WRH, A0
80C196SP
Non-mux
16
R/W, LDS, UDS
68302
Non-mux
8/16
R/W, DS, SIZ0, A0
68340
Non-mux
16
R/W, DS, BHE, BLE
68330, 68331
Non-mux
8
RD, WR
68HC05C
Non-mux
16
R/W, E, LSTRB, A0
68HC12
Non-mux
16
R/W, DS
68HC16
PSD4XX Family
37
Table 5. Typical Microcontroller Bus Types
9.2 Bus Interface
The Bus Interface is very flexible and can be configured to interface to most
microcontrollers with no glue logic. Table 5 lists some of the bus types to which the Bus
Interface is able to interface.
9.2.1 Bus Interface Configuration
The Bus Interface Logic is user configurable. The type of bus interface is specified by
the user in the PSDsoft software (PSD configuration). The bus control input pins have
multi-function capabilities. By choosing the right configuration, the PSD4XX is able to
interface to most microcontrollers, including the ones listed in Table 5. In Table 6, the
names of the bus control input signal pins and their multiple functions are shown. For
example, Pin PE0 can be configured by the PSD configuration software to perform any one
of the five functions. Examples on the interface between the PSD4XX and some typical
microcontrollers are shown in following sections.
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com