Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 65Page - STMicroelectronics ST62T53C Datasheet HTML 66Page - STMicroelectronics ST62T53C Datasheet HTML 67Page - STMicroelectronics ST62T53C Datasheet HTML 68Page - STMicroelectronics ST62T53C Datasheet HTML 69Page - STMicroelectronics ST62T53C Datasheet HTML 70Page - STMicroelectronics ST62T53C Datasheet HTML 71Page - STMicroelectronics ST62T53C Datasheet HTML 72Page - STMicroelectronics ST62T53C Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
69/86
ST62T53C/T60C/T63C ST62E60C
6.5 A/D CONVERTER CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
Notes:
1.
Noise at VDD, VSS <10mV
2.
With oscillator frequencies less than 1MHz, the A/D Converter accuracy is decreased.
6.6 TIMER CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
6.7 SPI CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
6.8 ARTIMER ELECTRICAL CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Res
Resolution
8
Bit
ATOT
Total Accuracy (1) (2)
fOSC > 1.2MHz
fOSC > 32kHz
±2
±4
LSB
tC
Conversion Time
fOSC = 8MHz (TA <85°C)
fOSC = 4 MHz
70
140
µs
ZIR
Zero Input Reading
Conversion result when
VIN =VSS
00
Hex
FSR
Full Scale Reading
Conversion result when
VIN =VDD
FF
Hex
ADI
Analog Input Current During
Conversion
VDD= 4.5V
1.0
µA
ACIN
Analog Input Capacitance
2
5
pF
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
fIN
Input Frequency on TIMER Pin
MHz
tW
Pulse Width at TIMER Pin
VDD = 3.0V
VDD >4.5V
1
125
µs
ns
IINT
4
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com