Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 74Page - STMicroelectronics ST62T53C Datasheet HTML 75Page - STMicroelectronics ST62T53C Datasheet HTML 76Page - STMicroelectronics ST62T53C Datasheet HTML 77Page - STMicroelectronics ST62T53C Datasheet HTML 78Page - STMicroelectronics ST62T53C Datasheet HTML 79Page - STMicroelectronics ST62T53C Datasheet HTML 80Page - STMicroelectronics ST62T53C Datasheet HTML 81Page - STMicroelectronics ST62T53C Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
78/86
ST62P53C/P60C/P63C
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62P53C, ST62P60C and ST62P63C are
the Factory Advanced Service Technique ROM
(FASTROM) versions of ST62T53C, ST6260B
and ST62T63C OTP devices.
They offer the same functionality as OTP devices,
selecting as FASTROM options the options de-
fined in the programmable option byte of the OTP
version.
1.2 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
1.2.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected FASTROM options.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly filled OPTION
LIST appended.
1.2.2 Listing Generation and Verification
When STMicroelectronics receives the user’s
ROM contents, a computer listing is generated
from it. This listing refers exactly to the ROM con-
tents and options which will be used to produce
the specified MCU. The listing is then returned to
the customer who must thoroughly check, com-
plete, sign and return it to STMicroelectronics. The
signed listing forms a part of the contractual agree-
ment for the production of the specific customer
MCU.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 1. ROM Memory Map for ST62P60C
Table 2. ROM Memory Map for ST62P53C/P63C
Table 3. FASTROM version Ordering Information
(*)
Advanced information
Device Address
Descriptio n
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Device Address
Descriptio n
0000h-087Fh
0880h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST62P53CB1/XXX
ST62P53CB6/XXX
ST62P53CB3/XXX (*)
1836
-
0to + 70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP20
ST62P53CM1/XXX
ST62P53CM6/XXX
ST62P53CM3/XXX (*)
0to + 70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO20
ST62P60CB1/XXX
ST62P60CB6/XXX
ST62P60CB3/XXX (*)
3884
128
0to + 70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP20
ST62P60CM1/XXX
ST62P60CM6/XXX
ST62P60CM3/XXX (*)
0to + 70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO20
ST62P63CB1/XXX
ST62P63CB6/XXX
ST62P63CB3/XXX (*)
1836
64
0to + 70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP20
ST62P63CM1/XXX
ST62P63CM6/XXX
ST62P63CM3/XXX (*)
0to + 70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO20
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com