Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 73Page - STMicroelectronics ST62T53C Datasheet HTML 74Page - STMicroelectronics ST62T53C Datasheet HTML 75Page - STMicroelectronics ST62T53C Datasheet HTML 76Page - STMicroelectronics ST62T53C Datasheet HTML 77Page - STMicroelectronics ST62T53C Datasheet HTML 78Page - STMicroelectronics ST62T53C Datasheet HTML 79Page - STMicroelectronics ST62T53C Datasheet HTML 80Page - STMicroelectronics ST62T53C Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
November 1999
77/86
Rev. 2.6
ST62P53C/P60C/P63C
8-BIT FASTROM MCUs WITH A/D CONVERTER,
SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
s
3.0 to 6.0V Supply Operating Range
s
8 MHz Maximum Clock Frequency
s
-40 to +125
°C Operating Temperature Range
s
Run, Wait and Stop Modes
s
5 Interrupt Vectors
s
Look-up Table capability in Program Memory
s
Data Storage in Program Memory:
User selectable size
s
Data RAM: 128 bytes
s
DataEEPROM: 64/128 bytes (none onST62P53C)
s
User Programmable Options
s
13 I/O pins, fully programmable as:
– Input with pull-up resistor
– Input without pull-up resistor
– Input with interrupt generation
– Open-drain or push-pull output
– Analog Input
s
6 I/O lines can sink up to 30mA to drive LEDs or
TRIACs directly
s
8-bit Timer/Counter with 7-bit programmable
prescaler
s
8-bit Auto-reload Timer with 7-bit programmable
prescaler (AR Timer)
s
Digital Watchdog
s
Oscillator Safe Guard
s
Low Voltage Detector for Safe Reset
s
8-bit A/D Converter with 7 analog inputs
s
8-bit Synchronous Peripheral Interface (SPI)
s
On-chip Clock oscillator can be driven by Quartz
Crystal Ceramic resonator or RC network
s
User configurable Power-on Reset
s
One external Non-Maskable Interrupt
s
ST626x-EMU2 Emulation and Development
System (connects to an MS-DOS PC via a
parallel port).
DEVICE SUMMARY
DEVICE
ROM (Bytes)
EEPROM
ST62P53C
1836
-
ST62P60C
3884
128
ST62P63C
1836
64
PDIP20
PSO20
(See end of Datasheet for Ordering Information)
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com