Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 51Page - STMicroelectronics ST62T53C Datasheet HTML 52Page - STMicroelectronics ST62T53C Datasheet HTML 53Page - STMicroelectronics ST62T53C Datasheet HTML 54Page - STMicroelectronics ST62T53C Datasheet HTML 55Page - STMicroelectronics ST62T53C Datasheet HTML 56Page - STMicroelectronics ST62T53C Datasheet HTML 57Page - STMicroelectronics ST62T53C Datasheet HTML 58Page - STMicroelectronics ST62T53C Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
55/86
ST62T53C/T60C/T63C ST62E60C
SERIAL PERIPHERAL INTERFACE SPI (Cont’d)
4.5.1 SPI Registers
SPI Mode Control Register (MOD)
Address: E2h
Read/Write
Reset status: 00h
The MOD register defines and controls the trans-
mission modes and characteristics.
This register is read/write and all bits are cleared
at reset. Setting SPSTRT = 1 and SPIN = 1 is not
allowed and must be avoided.
Bit 7 = SPRUN:
SPI Run. This bit is the SPI activity
flag. This can be used in either transmit or receive
modes; it is automatically cleared by the SPI at the
end of a transmission or reception and generates
an interrupt request (providing that the SPIE Inter-
rupt Enable bit is set). The Core can stop transmis-
sion or reception at any time by resetting the
SPRUN bit; this will also generate an interrupt re-
quest (providing that the SPIE Interrupt enable bit
is set). The SPRUN bit can be used as a start con-
dition parameter, in conjunction with the SPSTRT
bit, when an external signal is present on the Sin
pin. Note that a rising edge is then necessary to in-
itiate reception; this may require external data in-
version. This bit can be used to poll the end of re-
ception or transmission.
Bit 6 = SPIE:
SPI Interrupt Enable. This bit is the
SPI Interrupt Enable bit. If this bit is set the SPI in-
terrupt (vector #2) is enabled, when SPIE is reset,
the interrupt is disabled.
Bit 5 = CPHA:
Clock Phase Selection. This bit se-
lects the clock phase of the clock signal. If this bit
is cleared to zero the normal state is selected; in
this case Bit 7 of the data frame is present on Sout
pin as soon as the SPI Shift Register is loaded. If
this bit is set to one the shifted state’ is selected; in
this case Bit 7 of data frame is present on Sout pin
on the first falling edge of Shift Register clock. The
polarity relation and the division ratio between
Shift Register and SPI base clock are also pro-
grammable; refer to DIV register and Timing Dia-
grams for more information.
Bit 4= SPCLK:
Base Clock Selection
This bit selects the SPI base clock source. It is ei-
ther the core cycle clock (fINT/13) (Master mode)
or the signal provided at SCK pin by an external
device (slave mode). If SPCLK is low and the SCK
pin is configured as input, the slave mode is se-
lected. If SPCLK is high, the SCK pin is automatic-
cally configured as push pull output and the mas-
ter mode is selected. In this case, the phase and
polarity of the clock are controlled by CPOL and
CPHA.
Note: When the master mode is enabled, it is
mandatory to configure PC4 in input mode through
the i/o port registers.
Bit 3 = SPIN:
Input Selection
This bit enables the transfer of the data input to the
Shift Register in receive mode. If this bit is cleared
the Shift Register input is 0. If this bit is set, the
Shift Register input corresponds to the input signal
present on the Sin pin.
Bit 2 = SPSTRT:
Start Selection
This bit selects the transmission or reception start
mode. If SPSTRT is cleared, the internal start con-
dition occurs as soon as the SPRUN bit is set. If
SPSTRT is set, the internal start signal is the logic
“AND” between the SPRUN bit and the external
signal present on the Sin pin; in this case transmis-
sion will start after the latest of both signals provid-
ing that the first signal is still present (note that this
implies a rising edge). After the transmission or re-
cetion has been started, it will continue even if the
Sin signal is reset.
Bit 1 = EFILT:
Enable Filters
This bit enables/disables the input noise filters on
the Sin and SCK inputs. If it is cleared to zero the
filters are enabled, if set to one the filters are disa-
bled. These noise filters will eliminate any pulse on
Sin and SCK with a pulse width smaller than one
to two Core clock periods (depending on the oc-
currence of the signal edge with respect to the
Core clock edge). For example, if the ST6260B/
65B runs with an 8MHz crystal, Sin and SCK will
be delayed by 125 to 250ns.
Bit 0 = CPOL:
Clock Polarity
This bit controls the relationship between the data
on the Sin and Sout pins and SCK. The CPOL bit
selects the clock edge which captures data and al-
lows it to change state. It has the greatest impact
on the first bit transmitted (the MSB) as it does (or
does not) allow a clock transition before the first
data capture edge.
Refer to the timing diagrams at the end of this sec-
tion for additional details. These show the relation-
ship between CPOL, CPHA and SCK, and indicate
the active clock edges and strobe times.
70
SPRUN SPIE
CPHA
SPCLK
SPIN
SPSTRT
EFILT
CPOL
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com