Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 68Page - STMicroelectronics ST62T53C Datasheet HTML 69Page - STMicroelectronics ST62T53C Datasheet HTML 70Page - STMicroelectronics ST62T53C Datasheet HTML 71Page - STMicroelectronics ST62T53C Datasheet HTML 72Page - STMicroelectronics ST62T53C Datasheet HTML 73Page - STMicroelectronics ST62T53C Datasheet HTML 74Page - STMicroelectronics ST62T53C Datasheet HTML 75Page - STMicroelectronics ST62T53C Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
72/86
ST62T53C/T60C/T63C ST62E60C
Figure 43. Idd WAIT versus Vcc at 8 Mhz for OTP devices
Figure 44. Idd STOP versus Vcc for OTP devices
Figure 45. Idd STOP versus Vcc for ROM devices
This curves represents typical variations and is given for guidance only
0
0.5
1
1.5
2
2.5
Vdd
3V
4V
5V
6V
T= -40
°C
T= 25
°C
T= 95
°C
T = 125
°C
This curves represents typical variations and is given for guidance only
-2
0
2
4
6
8
Vdd
3V
4V
5V
6V
T = -40
°C
T= 25
°C
T= 95
°C
T = 125
°C
This curves represents typical variations and is given for guidance only
-0.5
0
0.5
1
1.5
2
Vdd
3V
4V
5V
6V
T = -40
°C
T= 25
°C
T= 95
°C
T = 125
°C
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com