Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 14Page - STMicroelectronics ST62T53C Datasheet HTML 15Page - STMicroelectronics ST62T53C Datasheet HTML 16Page - STMicroelectronics ST62T53C Datasheet HTML 17Page - STMicroelectronics ST62T53C Datasheet HTML 18Page - STMicroelectronics ST62T53C Datasheet HTML 19Page - STMicroelectronics ST62T53C Datasheet HTML 20Page - STMicroelectronics ST62T53C Datasheet HTML 21Page - STMicroelectronics ST62T53C Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
18/86
ST62T53C/T60C/T63C ST62E60C
3 CLOCKS, RESET, INTERRUPTS AND POWER SAVING MODES
3.1 CLOCK SYSTEM
The MCU features a Main Oscillator which can be
driven by an external clock, or used in conjunction
with an AT-cut parallel resonant crystal or a suita-
ble ceramic resonator, or with an external resistor
(RNET). In addition, a Low Frequency Auxiliary Os-
cillator (LFAO) can be switched in for security rea-
sons, to reduce power consumption, or to offer the
benefits of a back-up clock system.
The Oscillator Safeguard (OSG) option filters
spikes from the oscillator lines, provides access to
the LFAO to provide a backup oscillator in the
event of main oscillator failure and also automati-
cally limits the internal clock frequency (fINT)as a
function of VDD, in order to guarantee correct oper-
ation. These functions are illustrated in Figure 2,
Figure 3, Figure 4 and Figure 5.
A programmable divider on F
INT is also provided in
order to adjust the internal clock of the MCU to the
best power consumption and performance trade-
off.
Figure 1 illustrates various possible oscillator con-
figurations using an external crystal or ceramic res-
onator, an external clock input, an external resistor
(RNET), or the lowest cost solution using only the
LFAO. CL1 an CL2 should have a capacitance in the
range 12 to 22 pF for an oscillator frequency in the
4-8 MHz range.
The internal MCU clock frequency (fINT) is divided
by 12 to drive the Timer, the A/D converter and the
Watchdog timer, and by 13 to drive the CPU core,
as may be seen in Figure 4.
With an 8MHz oscillator frequency, the fastest ma-
chine cycle is therefore 1.625
µs.
A machine cycle is the smallest unit of time needed
to execute any operation (for instance, to increment
the Program Counter). An instruction may require
two, four, or five machine cycles for execution.
3.1.1 Main Oscillator
The oscillator configuration may be specified by se-
lecting theappropriate option. When the CRYSTAL/
RESONATORoption isselected, itmustbeusedwith
a quartz crystal, a ceramic resonator or an external
signal providedonthe OSCinpin.When theRC NET-
WORK option is selected, the system clock is gen-
erated by an external resistor.
The main oscillator can be turned off (when the
OSG ENABLED option is selected) by setting the
OSCOFF bit of the ADC Control Register. The
Low Frequency Auxiliary Oscillator is automatical-
ly started.
Figure 9. Oscillator Configurations
INTEGRA TED CLOCK
CRYSTAL/RESON ATOR option
OSG ENABLED option
OSCin
OSCout
CL1n
CL2
ST6xxx
CRYSTAL/RES ONATOR CLOCK
CRYSTAL/RESON ATOR option
OSCin
OSCout
ST6xxx
EXTERNAL CLOCK
CRYSTAL/RESON ATOR option
NC
OSCin
OSCout
ST6xxx
NC
OSCin
OSCout
RNET
ST6xxx
RC NETW ORK
RC NETW ORK option
NC
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com